Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 127 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 127 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 159 page
background image
ST7713
Ver 1.6
2008-05
127
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Idle Mode Off
S/W Reset
Idle Mode Off
H/W Reset
Idle Mode Off
10.1.33 COLMOD (3Ah): Interface Pixel Format
3AH
COLMOD (3Ah): Interface Pixel Format
Inst / Para
D/CX WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
COLMOD
0
↑
1
-
0
0
1
1
1
0
1
0
(3Ah)
1st Parameter
1
↑
1
-
VIPF3
VIPF2
VIPF1
VIPF0
-
IFPF2
IFPF1
IFPF0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command is used to define the format of RGB picture data, which is to be transferred via the
MCU interface and RGB interface. The formats are shown in the table:
IFPF[2:0]
MCU Interface Color Format
011
3
12-bit/pixel
101
5
16-bit/pixel
110
6
18-bit/pixel
111
7
No used
Others are no define and invalid
VIFPF[2:0]
RGB Interface Color Format
0101
5
16-bit/pixel (1-times data transfer)
0110
6
18-bit/pixel (1-times data transfer)
0111
7
No used
1110
14
18-bit/pixel (3-times data transfer)
Others are no define and invalid
Note1: In 12-bit/Pixel, 16-bit/Pixel or 18-bit/Pixel mode, the LUT is applied to transfer data into the Frame Memory.
Note2: When RGB I/F the 12-bit/pixel don’t care
Note3: When VIPF[3:0]=”1110”,6-bit data width of 3-times transfer is used to transmit 1 pixel data with the 18-bit color
depth information.
Note4: The Command 3Ah should be set at 55h when writing 16-bit/pixel data into frame memory, but 3Ah should be
re-set to 66h when reading pixel data from frame memory. Please check the LUT in chapter 9.19 when using
memory read function.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
IFPF[2:0]
VIPF[3:0]
Power On Sequence
0110(18-bit/Pixel)
0110(18-bit/Pixel)
S/W Reset
No Change
No Change
H/W Reset
0110(18-bit/Pixel)
0110(18-bit/Pixel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com