Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 125 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 125 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
ST7713
Ver 1.6
2008-05
125
10.1.30 VSCSAD (37h): Vertical Scroll Start Address of RAM
37H
VSCSAD (Vertical Scroll Start Address of RAM)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VSCSAD
0
↑
1
-
0
0
1
1
0
1
1
1
(37h)
1st Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
2nd Parameter
1
↑
1
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSA0
Note: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used together with Vertical Scrolling Definition (33h). These two commands describe the
scrolling area and the scrolling mode.
-The Vertical Scrolling Start Address command has one parameter which describes which line in the Frame
Memory will be written as the first line after the last line of the Top Fixed Area on the display as illustrated
below:
-This command Start the scrolling.
-Exit from V-scrolling mode by commands Partial mode On (12h) or Normal mode On (13h).
When MADCTL ML= ‘0’
Example:
-When Top Fixed Area=Bottom Fixed Area=00, Vertical Scrolling Area=130 and Vertical Scrolling
Pointer SSA= ’3’.
When MADCTL ML = ‘1’
Example:
-When Top Fixed Area= Bottom Fixed Area=00, Vertical Scrolling Area=130 and SSA= ’3’
NOTE: -When new Pointer position and Picture Data are sent, the result on the display will happen at the next
Panel Scan to avoid tearing effect.
-SSA refers to the Frame Memory scan address.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000h
S/W Reset
0000h
H/W Reset
0000h
Top-Left (0,0)
SSA[7:0]
Scroll start address
(Example)
Scan address
Memory
Display
0
G1
1
G2
2
G3
3
G4
∣
|
∣
|
130
G131
131
G132
Top-Left (0,0)
SSA[7:0]
Scroll start address
(Example)
Scan address
Memory
Display
131
G1
130
G2
∣
G3
∣
G4
3
|
2
|
1
G131
0
G132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com