Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 128 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 128 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 159 page
background image
ST7713
Ver 1.6
2008-05
128
10.1.34 RDID1 (DAh): Read ID1 Value
DAH
RDID1 (Read ID1 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDID1
0
↑
1
-
1
1
0
1
1
0
1
0
(DAh)
1st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2nd Parameter
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This read byte returns 8-bit LCD module’s manufacturer ID
-The 1
st parameter is dummy data
-The 2
nd parameter (ID17 to ID10): LCD module’s manufacturer ID.
NOTE: See command RDDID (04h), 2
nd parameter.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
-
S/W Reset
-
H/W Reset
-
10.1.35 RDID2 (DBh): Read ID2 Value
DBH
RDID2 (Read ID2 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDID2
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh)
1st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2nd Parameter
1
1
↑
-
1
ID26
ID25
ID24
ID23
ID22
ID21
ID20
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This read byte returns 8-bit LCD module/driver version ID
-The 1
st parameter is dummy data
-The 2
nd parameter (ID26 to ID20): LCD module/driver version ID
-Parameter Range: ID=80h to FFh
ID26 to ID20
Version
Changes
80h
81h
82h
83h
NOTE: See command RDDID (04h), 3
rd parameter.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
80h
S/W Reset
80h
H/W Reset
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com