Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 129 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 129 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 159 page
background image
ST7713
Ver 1.6
2008-05
129
10.1.36 RDID3 (DCh): Read ID3 Value
DCH
RDID3 (Read ID2 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDID3
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh)
1st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2nd Parameter
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This read byte returns 8-bit LCD module/driver ID.
-The 1
st parameter is dummy data
-The 2
nd parameter (ID37 to ID30): LCD module/driver ID.
NOTE: See command RDDID (04h), 4
th parameter.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
00h
S/W Reset
00h
H/W Reset
00h
10.2.1 RGBCTR (B0h): RGB signal control
B0H
RGBCTR (RGB signal control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RGBCTR
0
↑
1
-
1
0
1
1
0
0
0
0
(B0h)
1st Parameter
1
↑
1
-
0
0
DISSW
ICM
DP
EP
HSP
VSP
NOTE: “-“ Don’t care
Description
-Set the operation status on the RGB interface. The setting becomes effective as soon as the command is
received.
-ICM: GRAM Write/Read frequency and data input select on the RGB interface
ICM
Write/ Read frequency and input data select
Write cycle
Read cycle
Data input
0
PCLK
PCLK
D[17:0]
1
SCL
Internal oscillator
SDA
Symbol
Name
Clock polarity set for RGB Interface
DP
PCLK polarity set
‘1’ = data fetched at the falling edge
‘0’ = data fetched at the rising edge
EP
Enable polarity set
‘1’ = Low enable for RGB interface
‘0’ = High enable for RGB interface
HSP
Hsync polarity set
‘1’ = High level sync clock
‘0’ = Low level sync clock
VSP
Vsync polarity set
‘1’ = High level sync clock
‘0’ = Low level sync clock
DISSW
Disable S/W
‘1’ = Disable S/W control
‘0’ = Enable S/W control
Default
Status
Default Value
ICM
DP/EP/HSP/VSP
Power On Sequence
0d
0d/0d/0d/0d
S/W Reset
0d
0d/0d/0d/0d
H/W Reset
0d
0d/0d/0d/0d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com