Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 126 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 126 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 159 page
background image
ST7713
Ver 1.6
2008-05
126
10.1.31 IDMOFF (38h): Idle Mode Off
38H
IDMOFF (Idle Mode Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
0
(38h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to recover from Idle mode on.
-In the idle off mode,
1. LCD can display 4096, 65k or 262k colors.
2. Normal frame frequency is applied.
Default
Status
Default Value
Power On Sequence
Idle Mode Off
S/W Reset
Idle Mode Off
H/W Reset
Idle Mode Off
10.1.32 IDMON (39h): Idle Mode On
39H
IDMON (Idle Mode On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
1
(39h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to enter into Idle mode on.
-There will be no abnormal visible effect on the display mode change transition.
-In the idle on mode,
1. Color expression is reduced. The primary and the secondary colors using MSB of each R,G and B in
the Frame Memory, 8 color depth data is displayed.
2. 8-Color mode frame frequency is applied.
3. Exit from IDMON by Idle Mode Off (38h) command
Color
R5 R4 R3 R2 R1 R0
G5 G4 G3 G2 G1 G0
B5 B4 B3 B4 B1 B0
Black
0xxxxx
0xxxxx
0xxxxx
Blue
0xxxxx
0xxxxx
1xxxxx
Red
1xxxxx
0xxxxx
0xxxxx
Magenta
1xxxxx
0xxxxx
1xxxxx
Green
0xxxxx
1xxxxx
0xxxxx
Cyan
0xxxxx
1xxxxx
1xxxxx
Yellow
1xxxxx
1xxxxx
0xxxxx
White
1xxxxx
1xxxxx
1xxxxx
Top-Left (0,0)
(Example)
Memory
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com