Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 120 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 120 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 159 page
background image
ST7713
Ver 1.6
2008-05
120
10.1.26 SCRLAR (33h): Scroll Area
33H
SCRLAR (Scrolll Area)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PTLAR
0
↑
1
-
0
0
1
1
0
0
1
1
(33h)
1
st Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
↑
1
-
TFA 7
TFA 6
TFA 5
TFA 4
TFA 3
TFA 2
TFA 1
TFA 0
3
rd Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
4
th Parameter
1
↑
1
-
VSA 7
VSA 6
VSA 5
VSA 4
VSA 3
VSA 2
VSA 1 VSA 0
5
th Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
6
th Parameter
1
↑
1
-
BFA 7
BFA 6
BFA 5
BFA 4
BFA 3
BFA 2
BFA 1
BFA 0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command defines the Vertical Scrolling Area of the display.
When MADCTL ML=0
-The 1
st & 2nd parameter TFA [7:0] describes the Top Fixed Area (in No. of lines from Top of the Frame
Memory and Display).
-The 3
rd & 4th parameter VSA [7:0] describes the height of the Vertical Scrolling Area (in No. of lines of
the Frame Memory [not the display] from the Vertical Scrolling Start Address)
-The first line appears immediately after the bottom most line of the Top Fixed Area.
-The 5
th & 6th parameter BFA [7:0] describes the Bottom Fixed Area (in No. of lines from Bottom of the
Frame Memory and Display).
-TFA, VSA and BFA refer to the Frame Memory row address.
When MADCTL ML=1
-The 1
st & 2nd parameter TFA [7:0] describes the Top Fixed Area (in No. of lines from Bottom
of the Frame Memory and Display).
-The 3
rd & 4th parameter VSA [7:0] describes the height of the Vertical Scrolling Area (in No.
of lines of the Frame Memory [not the display] from the Vertical Scrolling Start Address)
-The first line appears immediately after the top most line of the Top Fixed Area.
-The 5
th & 6th parameter BFA [7:0] describes the Bottom Fixed Area (in No. of lines from Top
of the Frame Memory and Display).
See Section 9.10.4 for details of the Memory to Display Mapping.
-The condition is 0≦(TFA+VSA+BFA) ≦132, otherwise Scrolling mode is undefined.
-In Vertical Scroll Mode, MADCTL parameter MV should be set to ‘0’-this only affects the Frame Memory
Write.
Default
Default Value
tatus
TFA [15:0]
VSA [15:0]
BFA [15:0]
Power On Sequence
0000h
0083h
0000h
S/W Reset
0000h
0083h
0000h
H/W Reset
0000h
0083h
0000h
Top-Left (0,0)
Top Fixed Area
TFA [7:0]
Scroll Fixed Area
VSFA [7:0]
First line read from
Bottom Fixed Area
BFA [7:0]
Top-Left (0,0)
Bottom Fixed Area
BFA [7:0]
Scroll Fixed Area
VSFA [7:0]
Top Fixed Area
TFA [7:0]
First line read from
frame memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com