Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 119 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 119 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 159 page
background image
ST7713
Ver 1.6
2008-05
119
10.1.25 PTLAR (30h): Partial Area
30H
PTLAR (Partial Area)
Inst / Para
D/CX
WRX
RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PTLAR
0
↑
1
-
0
0
1
1
0
0
0
0
(30h)
1
st Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
↑
1
-
PSL7
PSL6
PSL5
PSL4
PSL3
PSL2
PSL1
PSL0
3
rd Parameter
1
↑
1
-
-
-
-
-
-
-
-
-
4
th Parameter
1
↑
1
-
PEL7
PEL6
PEL5
PEL4
PEL3
PEL2
PEL1
PEL0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command defines the partial mode’s display area.
-There are 4 parameters associated with this command, the first defines the Start Row (PSL) and the
second the End Row (PEL), as illustrated in the figures below. PSL and PEL refer to the Frame Memory
row address counter.
-If End Row = Start Row then the Partial Area will be one row deep.
Default
Default Value
Status
PSL [15:0]
PEL [15:0]
Power On Sequence
0000h
0083h
S/W Reset
0000h
0083h
H/W Reset
0000h
0083h
-If End Row > Start Row, when MADCTL ML=’0’
Start Row
PSL [7:0]
Non-displaying Area
Partial Display Area
PEL [7:0]
End Row
Non-displaying Area
-If End Row > Start Row, when MADCTL ML=’1’
End Row
PEL [7:0]
Non-displaying Area
Partial Display Area
PSL [7:0]
Start Row
Non-displaying Area
-If End Row < Start Row, when MADCTL ML=’0’
End Row
PEL [7:0]
Non-displaying Area
Partial Display Area
PSL [7:0]
Start Row
Partial Display Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com