Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC28L201 Datasheet HTML 1Page - NXP Semiconductors SC28L201 Datasheet HTML 2Page - NXP Semiconductors SC28L201 Datasheet HTML 3Page - NXP Semiconductors SC28L201 Datasheet HTML 4Page - NXP Semiconductors SC28L201 Datasheet HTML 5Page - NXP Semiconductors SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
2 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
2.
Features
s Member of IMPACT family: 3.3 V or 5.0 V,
−40 °C to +85 °C and 80xxx or 68000 bus
interface (I/M modes)
s Bit-by-bit real time transmission error check for high data integrity systems
s Full-duplex independent asynchronous receiver/transmitter
s 256 character FIFOs for receiver and transmitter
s Powers up to 9600 baud, 8 bits, no parity, 1 stop bit, interrupt disabled, all I/O set to
input
s Pin programming to 68000 or 80xxx bus interface
s Three character recognition system, used as:
x General purpose character recognition
x Xon/Xoff character recognition
x Address recognition Wake-up (multi-drop or 9-bit) mode
x System provides 4 levels of automation on a recognition event
s Programmable data format
x 5 to 8 data bits plus parity and 9-bit mode
x Odd, even, no parity, or force parity
x 9
⁄
16, 1, 1.5 or 2 stop bits
s 16-bit programmable Counter/Timer
s Programmable baud rate for receiver and transmitter selectable from:
x 27 fixed rates: 50 Bd to 2.0 MBd (includes MIDI rate)
x Other baud rates via external clocks and C/T
x Programmable user-defined rates derived from a programmable Counter/Timer
x External 1
× or 16× clock
s Parity, framing, and overrun error detection
s Line break detection and generation; false start bit detection
s Programmable channel mode
x Normal (full-duplex)
x Automatic echo
x Local loopback
x Remote loopback
x Multi-drop mode (also called ‘Wake-up’ or ‘9-bit’)
s Multifunction 13-bit I/O input port
x Can serve as clock or control inputs
x Change-of-state detection on eight inputs
x Inputs have typically > 100 M
Ω pull-up resistors
x Modem and DMA interface
s Versatile arbitrating interrupt system
x Interrupt system totally supports single query polling
x Output port can be configured to provide a total of up to six separate interrupt type
outputs that may be wire-ORed (switched to open-drain)
x Each FIFO can be independently programmed for any of 256 interrupt levels
x Watchdog timer for receiver
s Maximum data transfer rates: 1
× clock = 3 Mbit/s; 16× clock = 3.125 Mbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com