Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 71Page - NXP Semiconductors SC28L201 Datasheet HTML 72Page - NXP Semiconductors SC28L201 Datasheet HTML 73Page - NXP Semiconductors SC28L201 Datasheet HTML 74Page - NXP Semiconductors SC28L201 Datasheet HTML 75Page - NXP Semiconductors SC28L201 Datasheet HTML 76Page - NXP Semiconductors SC28L201 Datasheet HTML 77Page - NXP Semiconductors SC28L201 Datasheet HTML 78Page - NXP Semiconductors SC28L201 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
75 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.6.2 Input Port Change Register Lower Nibble, B (IPCRL)
This register may be read to determine the current logical level of the I/O pins and
examine the output of the change detectors assigned to each pin. If the change detection
is not enabled or if the pin is configured as an output, the associated change field will read
‘0’.
Table 62:
IPCRL - Input Port Change Register Lower Nibble, B (address 0x1C)
bit description
Bit
Symbol
Description
7
∆I/O3B change.
0 = no change
1 = change
6
∆I/O2B change.
0 = no change
1 = change
5
reserved
4
∆I/O0B change.
0 = no change
1 = change
3
I/O3B state. Reads the actual logic level at the pin.
1 = HIGH level
0 = LOW level
2
I/O2B state. Reads the actual logic level at the pin.
1 = HIGH level
0 = LOW level
1
reserved
0
I/O0B state. Reads the actual logic level at the pin.
1 = HIGH level
0 = LOW level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com