Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 28Page - NXP Semiconductors SC28L201 Datasheet HTML 29Page - NXP Semiconductors SC28L201 Datasheet HTML 30Page - NXP Semiconductors SC28L201 Datasheet HTML 31Page - NXP Semiconductors SC28L201 Datasheet HTML 32Page - NXP Semiconductors SC28L201 Datasheet HTML 33Page - NXP Semiconductors SC28L201 Datasheet HTML 34Page - NXP Semiconductors SC28L201 Datasheet HTML 35Page - NXP Semiconductors SC28L201 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
32 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
• GTxFIFO: pointer to the interrupting transmitter FIFO
A read of the GRxFIFO will give the content of the RxFIFO that presently has the highest
bid value. The purpose of this system is to enhance the efficiency of the interrupt system.
7.4.8.6
Polling (normal and using the CIR)
The ‘arbitrating interrupt system’ will reduce the polling overhead to one or two bus cycles
depending on the use of IACKN. This interrupt system does not need either the IRQN
(interrupt request) or the IACKN (interrupt acknowledge) signal. It only requires an update
CIR command. Recall that if nothing has exceeded preset levels, including 0x00, the CIR
will read 0x00, meaning no service is required. A minimal polling loop would be: update
CIR, read CIR, if 0x00 exit.
Many users prefer polled to interrupt driven service where there are not a large number of
fast data channels and/or the host CPUs other interrupt overhead is low. The UART is
functional in this environment.
The most efficient method of polling is the use of the ‘update CIR’ command (with the
interrupt threshold set to zero) followed by a read of the CIR. This dummy write cycle will
perform the same CIR capture function that an IACKN falling edge would accomplish in an
interrupt driven system. A subsequent read of the CIR, at the same address, will give
information about an interrupt, if any. If the CIR type field contains 0s, no interrupt is
awaiting service. If the value is non-zero, the fields of the CIR may be decoded for type;
channel and character count information. Optionally, the global interrupt registers may be
read for particular information about the interrupt status or use of the global RxD and TXD
registers for data transfer as appropriate. The interrupt context will remain in the CIR until
another update CIR command or an IACKN cycle is initiated by the host CPU occurs. The
CIR loads with 0x00 if Update CIR is asserted when the arbitration circuit has not
detected an arbitration value that exceeds the threshold value of the ICR. The global
registers and CIR may be used as ‘vectors’ to the service type required.
Traditional methods of polling status registers may also be used. Their lower efficiency
may be greatly offset by use of the UCIR (Update Current Interrupt Register) command
and the read of the CIR. They reduce the many reads and tests of status registers to only
one read and one write. This would normally be accomplished by setting the interrupt
threshold to zero. Then the moment any system within the UART needs service the next
poll of the CIR would return a non zero value and the type field will inform the processor
which of the possible 11 systems needs service. In the case of the FIFOs the number of
bytes to be written or read is also available.
7.4.9 Character and address recognition (also used for multi-drop, Xon/Xoff
systems)
Three programmable characters are provided for the character recognition for each
channel. Each character is general purpose in nature and may be set to only cause an
interrupt or to initiate some rather complex operations specific to ‘multi-drop’ address
recognition or in-band Xon/Xoff flow control.
Character recognition system continually examines the incoming data stream. Upon the
recognition of a character bits appropriate for the character recognized are set in the
Xon/Xoff Interrupt Status Register (XISR) and in the Interrupt Status Register (ISR). The
setting of these bit(s) will initiate any of the automatic sequences or and/or an interrupt
that may have enabled via the MR3 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com