Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 61Page - NXP Semiconductors SC28L201 Datasheet HTML 62Page - NXP Semiconductors SC28L201 Datasheet HTML 63Page - NXP Semiconductors SC28L201 Datasheet HTML 64Page - NXP Semiconductors SC28L201 Datasheet HTML 65Page - NXP Semiconductors SC28L201 Datasheet HTML 66Page - NXP Semiconductors SC28L201 Datasheet HTML 67Page - NXP Semiconductors SC28L201 Datasheet HTML 68Page - NXP Semiconductors SC28L201 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
65 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.4.3 Counter/Timer clock source (CTCS0 and CTCS1)
Remark: Writing to this register removes the control established in the counter/timer
portion of the ACR in the default register map.
Table 40:
CTCS0 and CTCS1 - Counter/Timer clock source registers (address 0x24, 0x2C)
bit description
Bit
Symbol
Description
7:6
reserved
5:4
Mode control
00 = selects Counter mode. Generates a timing edge.
01 = selects Timer mode. Generates a square wave.
10 = reserved
11 = selects Timer Pulse mode. Generates periodic pulses twice the
frequency as in Timer mode. Pulse width is one cycle of the clock as it is
delivered to the C/T, that is, after any prescale.
3:0
Clock selection
0000 = external I/O2A (for CT 0); I/O7A (for CT 1)
0001 = external I/O2A/16 (for CT 0); I/O7A/16 (for CT 1)
0010 = SCLK
0011 = SCLK/2
0100 = SCLK/16
0101 = SCLK/32
0110 = SCLK/64
0111 = SCLK/128
1000 = TxCA1X
1001 = reserved
1010 = reserved
1011 = reserved
1100 = Rx Character Count (Ch A) Clock is RxFIFO A load pulse
1101 = reserved
1110 = reserved
1111 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com