Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 87Page - NXP Semiconductors SC28L201 Datasheet HTML 88Page - NXP Semiconductors SC28L201 Datasheet HTML 89Page - NXP Semiconductors SC28L201 Datasheet HTML 90Page - NXP Semiconductors SC28L201 Datasheet HTML 91Page - NXP Semiconductors SC28L201 Datasheet HTML 92Page - NXP Semiconductors SC28L201 Datasheet HTML 93Page - NXP Semiconductors SC28L201 Datasheet HTML 94Page - NXP Semiconductors SC28L201 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
91 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
11. Static characteristics
[1]
Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
[2]
All voltage measurements are referenced to ground. For testing, all inputs swing between 0.4 V and 3.0 V with a transition time of 5 ns
maximum. For X1/SCLK this swing is between 0.4 V and 4.4 V. All time measurements are referenced at input voltages of 0.8 V and
2.0 V, and output voltages of 0.8 V and 2.0 V, as appropriate.
[3]
Test conditions for outputs: CL = 85 pF, except interrupt outputs. Test conditions for interrupt outputs: CL =85pF, RL = 2.7 kΩ to VDD.
[4]
I/O port and IACKN pins have active pull-up transistors that will source a typical 2
µA from V
DD when they are at VSS.AtVDD they source
0.0
µA.
[5]
All outputs are disconnected. Inputs are switching between CMOS levels of VDD − 0.2 V and VSS + 0.2 V.
Table 80:
Static characteristics, nominal 5 V operation
VDD =5V ± 10 %; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
VIL
LOW-state input voltage
[2] -
-
0.8
V
VIH
HIGH-state input voltage
except pin X1/SCLK
[2] 2.4
-
-
V
pin X1/SCLK
[2] 0.8VDD
--
V
VOL
LOW-state output voltage
IOL =4mA
[2] -
-
0.4
V
VOH
HIGH-state output voltage
except open-drain outputs;
IOH = −400 µA
[2] [3] VDD − 0.5 -
-
V
II(PD)(X1/SCLK)
Power-down mode input current
on pin X1/SCLK
VI = 0 V to VDD
−1-
1
µA
IIL(X1/SCLK)
LOW-state input current on pin
X1/SCLK
operating mode; VI =0V
−30
-
0
µA
IIH(X1/SCLK)
HIGH-state input current on pin
X1/SCLK
operating mode; VI =VDD
0-
30
µA
ILI
input leakage current
VI = 0 V to VDD
input port and IACKN pins
[4]
−10
-
1
µA
all other pins
[4]
−1-
1
µA
IOZH
HIGH off-state output current
3-state data bus; VI =VDD
--
5
µA
IOZL
LOW off-state output current
3-state data bus; VI =0V
−5-
-
µA
IODL
LOW off-state open-drain output
current
VI =0V
−10
-
-
µA
IODH
HIGH off-state open-drain
output current
VI =VDD
--
1
µA
IDD
supply current
CMOS input levels
[5]
operating mode; f = 10 MHz
-
9
20
mA
Power-down mode; f = 0 MHz
-
200
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com