Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 66Page - NXP Semiconductors SC28L201 Datasheet HTML 67Page - NXP Semiconductors SC28L201 Datasheet HTML 68Page - NXP Semiconductors SC28L201 Datasheet HTML 69Page - NXP Semiconductors SC28L201 Datasheet HTML 70Page - NXP Semiconductors SC28L201 Datasheet HTML 71Page - NXP Semiconductors SC28L201 Datasheet HTML 72Page - NXP Semiconductors SC28L201 Datasheet HTML 73Page - NXP Semiconductors SC28L201 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
70 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.5.3 Current Interrupt Register (CIR)
The Current Interrupt Register is provided to speed up the specification of the interrupting
condition in the UART. The CIR is updated at the beginning of an interrupt acknowledge
bus cycle or in response to an Update CIR command (see Section 8.5.2). Although
interrupt arbitration continues in the background, the current interrupt information remains
frozen in the CIR until another IACKN cycle or Update CIR command occurs. The LSBs of
the CIR provide part of the addressing for various Global Interrupt registers including the
GIBCR, GICR, GITR and the Global RxFIFO and TxFIFO FIFO. The host CPU need not
generate individual addresses for this information since the interrupt context will remain
stable at the fixed addresses of the Global Interrupt registers until the CIR is updated. For
most interrupting sources, the data available in the CIR alone will be sufficient to set up a
service routine.
The CIR may be processed as follows:
If CIR[7] = 1, then a receiver interrupt is pending and the count is CIR[5:1], channel is
CIR[0]
Else if CIR[6] = 1 then a transmitter interrupt is pending and the count is CIR[5:1],
channel is CIR[0]
Table 48:
CIR - Current Interrupt Register (address 0x61) bit description
Bit
Symbol
Description
7:6
Type
00 = type other than transmit or Receiver
01 = transmit
10 = receive without errors
11 = receive with errors
5:1
Current byte count/type. When CIR[7:6] = 00:
0 0000 = no interrupt
0 0001 = change-of-state
0 0010 = address recognition
0 0011 = Xon/Xoff status
0 0100 = Receiver watchdog
0 0101 = break change
0 0110 = Counter/Timer
0 0111 = Rx Loopback error
Current count code. When CIR[7:6] = 01, 10, or 11:
0 0000 => at least 1 character
0 0001 => at least 16 characters
0 0010 => at least 24 characters
…
1 1101 => at least 240 characters
1 1110 => at least 248 characters
1 1111 => 256 (see also Section 8.5.6 “Global Interrupting Byte Count
Register (GIBCR)”)
0
Channel number or C/T number
0 = Channel A or C/T 0
1 = C/T 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com