Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 41Page - NXP Semiconductors SC28L201 Datasheet HTML 42Page - NXP Semiconductors SC28L201 Datasheet HTML 43Page - NXP Semiconductors SC28L201 Datasheet HTML 44Page - NXP Semiconductors SC28L201 Datasheet HTML 45Page - NXP Semiconductors SC28L201 Datasheet HTML 46Page - NXP Semiconductors SC28L201 Datasheet HTML 47Page - NXP Semiconductors SC28L201 Datasheet HTML 48Page - NXP Semiconductors SC28L201 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
45 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
4:3
Parity Mode Select
00 = with parity
01 = force parity
10 = no parity
11 = multi-drop Special Mode
If ‘with parity’ or ‘force parity’ is selected, a parity bit is added to the
transmitted character and the receiver performs a parity check on incoming
data. MR1[4:3] = 11 selects the channel to operate in the special Wake-up
mode.
2
Parity Type Select
0 = even
1 = odd
This bit sets the parity type (odd or even) if the ‘with parity’ mode is
programmed by MR1[4:3], and the polarity of the forced parity bit if the ‘force
parity mode is programmed it has no effect if the ‘no parity’ mode is
programmed. In the special ‘Wake-up’ mode, it selects the polarity of the A/D
bit. The parity bit is used to an address or data byte in the ‘Wake-up’ mode.
1:0
Bits per Character Select.
00 = 5 bits
01 = 6 bits
10 = 7 bits
11 = 8 bits
This field selects the number of data bits per character to be transmitted and
received. This number does not include the start, parity, or stop bits.
Table 17:
MR1 - Mode Register 1 (address 0x21) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com