Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 51Page - NXP Semiconductors SC28L201 Datasheet HTML 52Page - NXP Semiconductors SC28L201 Datasheet HTML 53Page - NXP Semiconductors SC28L201 Datasheet HTML 54Page - NXP Semiconductors SC28L201 Datasheet HTML 55Page - NXP Semiconductors SC28L201 Datasheet HTML 56Page - NXP Semiconductors SC28L201 Datasheet HTML 57Page - NXP Semiconductors SC28L201 Datasheet HTML 58Page - NXP Semiconductors SC28L201 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
55 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
2
TxRDY
Transmitter Ready.
0 = no
1 = yes
This bit, when set, indicates that the TxFIFO is ready to be loaded with at
least one more character. This bit is cleared when the TxFIFO is full or is
above its interrupt threshold level set in the MR registers or TxFIFO interrupt
Fill Level register (TxFIL). Characters loaded in the TxFIFO while the
transmitter is disabled will not be transmitted.
1
RxFULL
RxFIFO Full.
0 = no
1 = yes
This bit is set when a character is transferred from the Receive Shift Register
to the receive FIFO, and the transfer causes the FIFO to become full, that is,
all 256 RxFIFO positions are occupied. It is reset when the CPU reads the
RxFIFO and that read leaves one or more empty byte position(s). If a
character is waiting in the receive shift register because the RxFIFO is full,
RxFULL is not reset until the second read of the RxFIFO since the waiting
character is immediately loaded to the RxFIFO.
0
RxRDY
Receiver Ready.
0 = no
1 = yes
This bit indicates that a character has been received and is waiting in the
RxFIFO to be read by the CPU. It is set when the character is transferred
from the receive shift register to the RxFIFO and reset when the CPU reads
the RxFIFO, and no more characters are in the RxFIFO.
Table 24:
SR - Channel Status Register (address 0x01) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com