Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 5Page - NXP Semiconductors SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors SC28L201 Datasheet HTML 10Page - NXP Semiconductors SC28L201 Datasheet HTML 11Page - NXP Semiconductors SC28L201 Datasheet HTML 12Page - NXP Semiconductors SC28L201 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
9 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
6.
Functional description
Refer to the block diagrams shown in Figure 1 and Figure 2.
The SC28L201 is composed of several functional blocks. They are listed in the
approximate order of hierarchy as seen from the pins of the device.
• Bus interface. Motorola or Intel format
• Timing circuits
• I/O ports
• UART
• Transmitter and receiver
• Transmitter real time error test
• FIFO structures
• Arbitrating interrupt structure
• Character and address recognition
• Flow control
• Test and software compatibility with previous Philips UARTs
6.1 Brief description of functional blocks
6.1.1 Bus interface: the two basic modes of bus interface
The bus interface operates in ‘68000’ or ‘86xxx’ format as selected by the MODE_IM pin.
The signals used by this section are the Address, Data bus, Chip select, read/write, Data
acknowledge and Interrupt acknowledge and Interrupt request. Assertion of DACKN
requires two edges of the SCLK after the assertion of CEN. The default mode is the
86xxx mode. Pin or register programming may change it to the 68000 mode.
I/O6B
29
I/O
Additional general-purpose I/O pins. They are similar to the above without any
connection to the data path or clocks. They have Change-Of-State (COS) detectors
and will generate interrupts if enabled.
I/O4B to I/O2B
30, 31, 32
I/O0B
33
VDD
1, 13, 24,
34
power
Power supply (4 pins). +3.3 V
± 10 % or +5.0 V ± 10 % supply input. Operation is
assured from 2.97 V or 5.5 V. Timing parameters are specified with respect to the
VDD being at 3.3 V ± 10 % or 5.0 V ± 10 %.
VSS
2, 14, 25,
35, 36
power
Ground (5 pins)
Table 3:
Pin description for 68000 bus interface (Motorola) …continued
See Figure 4.
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com