Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC28L201 Datasheet HTML 1Page - NXP Semiconductors SC28L201 Datasheet HTML 2Page - NXP Semiconductors SC28L201 Datasheet HTML 3Page - NXP Semiconductors SC28L201 Datasheet HTML 4Page - NXP Semiconductors SC28L201 Datasheet HTML 5Page - NXP Semiconductors SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
1.
General description
The SC28L201 is a high performance UART. Its functional and programming features
closely match but greatly extend those of previous Philips UARTs. Its configuration on
power-up is similar that of the SC26C92. Its differences from the previous Philips UARTs
are: 256-character receiver, 256-character transmit FIFOs, 3.3 V and 5 V compatibility,
8 I/O ports for arbitrating interrupt system and overall faster bus and data speeds and is
fabricated in an advanced 0.5 micron CMOS process.
It is a member of the IMPACT line of data communications parts.
Pin programming will allow the device to operate with either the Motorola or Intel bus
interface by changing the function of some pins (reset is inverted, DACKN, and IACKN
enabled, for example).
The Philips Semiconductors SC28L201 Universal Asynchronous Receiver/Transmitter
(UART) is a single-chip CMOS-LSI communications device that provides a full-duplex
asynchronous receiver/transmitter channel in a single package. It interfaces directly with
microprocessors and may be used in a polled or interrupt driven system. The use of the
Interrupt system provides intelligent interrupt vectors.
The operating mode and data format of the channel may be programmed independently.
Additionally, the receiver and transmitter can select its operating speed as one of
twenty-seven fixed baud rates; a 16
× clock derived from one of two programmable
counter/timers, or an external 1
× or 16× clock. The baud rate generator and counter/timer
can operate directly from a crystal or from external clock inputs. The ability to
independently program the operating speed of the receiver and transmitter make the
UART particularly attractive for dual-speed channel applications such as clustered
terminal systems and bridges.
Each receiver and transmitter is buffered by 256-character FIFOs to nearly eliminate the
potential of receiver overrun, transmitter underrun and to reduce interrupt overhead in
interrupt driven systems. In addition, a flow control capability (Xon/Xoff and RTS/CTS) is
provided to disable a remote transmitter when the receiver buffer is full.
Also provided on the SC28L201 is a multipurpose 8-bit I/O for the channel. These can be
used as general-purpose I/O ports or can be assigned specific functions (such as clock
inputs or status and interrupt outputs) under program control. Normally they will be used
for modem control and DMA interface. All ports have change of state detectors and input
sections are always active making output signals available to the internal circuits and the
control processor.
The SC28L201 is available in a TSSOP48 package. For other package options, contact
Philips.
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01 — 31 October 2005
Product data sheet


Similar Part No. - SC28L201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1 PHILIPS-SC28L202A1 Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1B PHILIPS-SC28L202A1B Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1D PHILIPS-SC28L202A1D Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
More results

Similar Description - SC28L201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
3.3-V DUAL UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
logo
Texas Instruments
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
3.3-V DUAL UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
logo
Texas Instruments
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
3.3 V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com