Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors SC28L201 Datasheet HTML 10Page - NXP Semiconductors SC28L201 Datasheet HTML 11Page - NXP Semiconductors SC28L201 Datasheet HTML 12Page - NXP Semiconductors SC28L201 Datasheet HTML 13Page - NXP Semiconductors SC28L201 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
10 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
6.1.2 Timing circuits
6.1.2.1
Crystal oscillator
The crystal oscillator is the main timing element for the SC28L201. It is nominally set at
14.7456 MHz. Operation with a crystal as a frequency standard is specified from 7 MHz to
16.2 MHz. The use of an external clock allows all frequencies to 50 MHz. Clock prescalers
are provided to match various available system clocks to those needed for baud rate
generation.
Remark: If an external clock is used, X2 should not drive more than 2 CMOS or 2 TTL
equivalents.
6.1.2.2
Fixed rate Baud Rate Generator (BRG)
The BRG is driven by the X1/SCLK input through a programmable prescale divider. It
generates all of the 27 ‘fixed’ internal baud rates. This baud rate generator is designed to
generate the industry standard baud rates from a 14.7456 MHz crystal or clock frequency.
X1/SCLK frequencies different from 14.7456 MHz will cause the ‘fixed’ baud rates to
change by exactly the ratio of 14.7456 to the different frequency.
6.1.2.3
Counter/Timer
The two Counter/Timers are programmable 16-bit ‘down’ counters. It provides
miscellaneous baud rates, timing periods and acts as an extra watchdog timer for the
receivers. It has 8 programmable clock sources derived from internal and external signals.
It may also act as a character counter for the receiver. Interrupts from the Counter/Timer
are generated as it passes through zero.
6.1.2.4
Programmable BRG (PBRG)
This is another 16-bit programmable counter to generate only baud rates or
miscellaneous clock frequencies. Its output is available to the receiver and transmitter and
may be delivered to I/O ports. It has 8 programmable clock sources derived from internal
and external signals.
6.1.3 I/O ports
The SC28L201 is provided with 14 I/O ports. These ports are true input and/or output
structures and are equipped with a change of state detector. The input circuit of these pins
is always active. Under program control the ports my display internal signals or static logic
levels. The functions represented by the I/O ports include hardware flow control. Modem
signals, signals for interrupt conditions or various internal clocks and timing intervals.
Each I/O pin has a change of state detector attached to it. These are used to alert the
processor to slow or infrequent signals, modem signals, alarm, power alerts, and so on.
For the signals to qualify for Change-Of-State (COS) detection, the signal must be stable
for a time of 25
µs to 50 µs (one to two cycles of the 38.4 kBd clock).
The input logic of these pins is always active, even when defined as an output. Therefore,
it would be possible for the chip to count the number of times the RTS or CTS signal
occurred, thus giving an indication of interrupt latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com