Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 31Page - NXP Semiconductors SC28L201 Datasheet HTML 32Page - NXP Semiconductors SC28L201 Datasheet HTML 33Page - NXP Semiconductors SC28L201 Datasheet HTML 34Page - NXP Semiconductors SC28L201 Datasheet HTML 35Page - NXP Semiconductors SC28L201 Datasheet HTML 36Page - NXP Semiconductors SC28L201 Datasheet HTML 37Page - NXP Semiconductors SC28L201 Datasheet HTML 38Page - NXP Semiconductors SC28L201 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
35 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
7.4.10.5
Receiver mode
Since the receiving FIFO resources in the UART are limited, some means of controlling a
remote transmitter is desirable in order to lessen the probability of receiver overrun. The
UART provides two methods of controlling the data flow. There is a hardware-assisted
means of accomplishing control, the so-called out-of-band flow control, and an in-band
flow control method.
The out-of-band flow control is implemented through the CTSN-RTSN signaling via the
I/O ports. The operation of these hardware handshake signals is described in the receiver
and transmitter discussions.
In-band flow control is a protocol for controlling a remote transmitter by embedding special
characters within the message stream, itself. Two characters, Xon and Xoff, which do not
represent normal printable character take on flow control definitions when the Xon/Xoff
capability is enabled. Flow control characters received may be used to gate the channel
transmitter on and off. This activity is referred to as Auto-transmitter mode. To protect the
channel receiver from overrun, fixed fill levels (hardware set at 240 characters) of the
RxFIFO may be employed to automatically insert Xon/Xoff characters in the transmitters
data stream. This mode of operation is referred to as Auto-receiver mode. Commands
issued by the host CPU via the CR can simulate all these conditions.
7.4.10.6
Auto-receive and transmit (most efficient)
This is a combination of both modes.
Remark: Xon/Xoff characters: The Xon/Xoff character with errors will be accepted as
valid. The user has the option sending or not sending these characters to the FIFO. Error
bits associated with Xon/Xoff will be stored normally to the receiver FIFO.
The channel’s transmitter may be programmed to automatically transmit an Xoff character
without host CPU intervention when the RxFIFO fill level exceeds a fixed limit (240). In this
mode it will transmit an Xon character when the RxFIFO level drops below a second fixed
limit (16). A character from the TxFIFO that has been loaded into the TXD shift register
will continue to transmit. Character(s) in the TxFIFO that have not been loaded to the
transmitter shift register are unaffected by the Xon or Xoff transmission. They will be
transmitted after the Xon/Xoff activity concludes.
If the fill level condition that initiates Xon activity negates before the flow control character
can begin transmission, the transmission of the flow control character will not occur.
Hardware keeps track of Xoff characters sent that are not rescinded by an Xon. This logic
is reset by writing MR3[3:2] to ‘00’. If the user drops out of Auto-receiver mode while the
XISR shows Xoff as the last character sent, the Xon/Xoff logic would not automatically
send the negating Xon.
The disable CRTX command (of the Command Register, 0x18) can be used to cleanly
terminate any pending CRTX commands.
Remark: In no case will an Xon/Xoff character transmission be aborted. Once the
character is loaded into the TX Shift Register, transmission continues until completion or a
chip reset or transmitter reset is encountered. The kill CRTX command has no effect in
either of the Auto modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com