Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 2Page - NXP Semiconductors SC28L201 Datasheet HTML 3Page - NXP Semiconductors SC28L201 Datasheet HTML 4Page - NXP Semiconductors SC28L201 Datasheet HTML 5Page - NXP Semiconductors SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors SC28L201 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
6 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
Pin configuration for TSSOP48; 80xxx mode
Fig 4.
Pin configuration for TSSOP48; 68000 mode
SC28L201A1DGG
80xxx mode
VDD
X2
X1/SCLK
A6
IRQN
A5
TXD
A4
A3
I/O0A
RXD
I/O1A
RESET
I/O2A
D7
I/O3A
D6
I/O4A
D5
I/O5A
D4
I/O6A
I/O7A
VSS
D3
VDD
D2
I/O0B
D1
I/O2B
D0
I/O3B
MODE_IM
I/O4B
A2
I/O6B
A1
RDN
A0
WRN
IACKN
CEN
VSS
002aab421
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VDD
VSS
VDD
VSS
SC28L201A1DGG
68xxx mode
VDD
X2
X1/SCLK
A6
IRQN
A5
TXD
A4
A3
I/O0A
RXD
I/O1A
RESETN
I/O2A
D7
I/O3A
D6
I/O4A
D5
I/O5A
D4
I/O6A
I/O7A
VSS
D3
VDD
D2
I/O0B
D1
I/O2B
D0
I/O3B
MODE_IM
I/O4B
A2
I/O6B
A1
DACKN
A0
R/WN
IACKN
CEN
VSS
002aab422
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VDD
VSS
VDD
VSS
Table 2:
Pin description for 80xxx bus interface (Intel)
See Figure 3.
Symbol
Pin
Type
Description
MODE_IM
19
I
Bus configuration. When HIGH or not connected configures the bus interface to
the conditions shown in this table.
D0 to D7
18, 17, 16,
15, 12, 11,
10, 9
I/O
Data bus. Bidirectional 3-state data bus used to transfer commands, data and status
between the UART and the CPU. D0 is the least significant bit.
CEN
26
I
Chip Enable. Active LOW input signal. When LOW, data transfers between the CPU
and the UART are enabled on D[0:7] as controlled by the WRN, RDN and A6 to A0
inputs. When HIGH, places the D[0:7] lines in the 3-state condition.
WRN
27
I
Write strobe. When LOW and CEN is also LOW, the contents of the data bus is
loaded into the addressed register. The transfer occurs on the rising edge of the
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com