Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 83Page - NXP Semiconductors SC28L201 Datasheet HTML 84Page - NXP Semiconductors SC28L201 Datasheet HTML 85Page - NXP Semiconductors SC28L201 Datasheet HTML 86Page - NXP Semiconductors SC28L201 Datasheet HTML 87Page - NXP Semiconductors SC28L201 Datasheet HTML 88Page - NXP Semiconductors SC28L201 Datasheet HTML 89Page - NXP Semiconductors SC28L201 Datasheet HTML 90Page - NXP Semiconductors SC28L201 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
87 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Table 78:
Register map summary
The register map for channel A (UART A).
A[6:0]
Read
Write
010 0000 (0x20)
Mode Register 0 (MR0 A)
Mode Register 0 (MR0 A)
010 0001 (0x21)
Mode Register 1 (MR1 A)
Mode Register 1 (MR1 A)
010 0010 (0x22)
Mode Register 2 (MR2 A)
Mode Register 2 (MR2 A)
010 0011 (0x23)
Mode Register 3 (MR3 A)
Mode Register 3 (MR3 A)
010 0100 (0x24)
Counter/Timer Clock Source (CTCS 0)
Counter/Timer Clock Source (CTCS 0)
010 0101 (0x25)
Interrupt Status Register (ISR A)
Interrupt Mask Register (IMR A)
010 0110 (0x26)
Programmable BRG Preset Lower (PBRGPL 0)
Programmable BRG Preset Lower (PBRGPL 0)
010 0111 (0x27)
Programmable BRG Preset Upper (PBRGPU 0)
Programmable BRG Preset Upper (PBRGPU 0)
…
010 1000 (0x28)
010 1001 (0x29)
010 1010 (0x2A)
010 1011 (0x2B)
010 1100 (0x2C)
Counter/Timer Clock Source (CTCS 1)
Counter/Timer Clock Source (CTCS 1)
010 1101 (0x2D)
010 1110 (0x2E)
010 1111 (0x2F)
…
011 0000 (0x30)
Receiver Clock Select Register (RxCSR A)
Receiver Clock Select Register (RxCSR A)
011 0001 (0x31)
Transmitter Clock Select Register (TxCSR A)
Transmitter Clock Select Register (TxCSR A)
011 0010 (0x32)
Input Port Change Interrupt Enable (IPCE A)
Input Port Change Interrupt Enable (IPCE A)
011 0011 (0x33)
Programmable BRG Clock Source (PBRGCS)
Programmable BRG Clock Source (PBRGCS)
011 0100 (0x34)
011 0101 (0x35)
011 0110 (0x36)
Programmable BRG Preset Lower (PBRGPL 1)
Programmable BRG Preset Lower (PBRGPL 1)
011 0111 (0x37)
Programmable BRG Preset Upper (PBRGPU 1)
Programmable BRG Preset Upper (PBRGPU 1)
…
011 1000 (0x38)
011 1001 (0x39)
011 1010 (0x3A)
Input Port Change Interrupt Enable (IPCE B)
Input Port Change Interrupt Enable (IPCE B)
011 1011 (0x3B)
011 1100 (0x3C)
011 1101 (0x3D)
011 1110 (0x3E)
011 1111 (0x3F)
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com