Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC28L201 Datasheet HTML 1Page - NXP Semiconductors SC28L201 Datasheet HTML 2Page - NXP Semiconductors SC28L201 Datasheet HTML 3Page - NXP Semiconductors SC28L201 Datasheet HTML 4Page - NXP Semiconductors SC28L201 Datasheet HTML 5Page - NXP Semiconductors SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
5 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Fig 2.
Block diagram of SC28L201 (68000 mode)
SC28L201 (68000 mode)
002aab570
8
BUS BUFFER
D0 to D7
OPERATION
CONTROL
ADDRESS
DECODE
R/W CONTROL
RESETN
A0 to A6
CEN
IACKN
R/WN
7
INTERRUPT
ARBITRATION
IMR
ISR
GP
SOFTWARE
FLOW CONTROL
TIMING
BAUD RATE
GENERATOR
CLOCK
SELECTORS
COUNTER/
TIMER
XTAL
OSCILLATOR
CSR
ACR
CTL
CTU
IRQN
X2
X1/SCLK
DATA CHANNEL
256-BYTE
TRANSMIT FIFO
TRANSMIT
SHIFT REGISTER
256-BYTE
RECEIVE FIFO
WATCHDOG
TIMER
TXD
RXD
RECEIVE
SHIFT REGISTER
MR0, 1, 2, 3
CR
SR
I/O PORT A
CHANGE-OF-
STATE
DETECTORS (4)
ACR
IOPCR
I/O7A to I/O0A
8
I/O PORT B
FUNCTION
SELECT LOGIC
IOPCR
I/O0B
I/O4B to I/O2B
I/O6B
5
DACKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com