Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 3Page - NXP Semiconductors SC28L201 Datasheet HTML 4Page - NXP Semiconductors SC28L201 Datasheet HTML 5Page - NXP Semiconductors SC28L201 Datasheet HTML 6Page - NXP Semiconductors SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors SC28L201 Datasheet HTML 10Page - NXP Semiconductors SC28L201 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
7 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
RDN
28
I
Read strobe. When LOW and CEN is also LOW, causes the contents of the
addressed register to be presented on the data bus. The read cycle begins on the
falling edge of RDN.
A6 to A0
3, 4, 5, 6,
20, 21, 22
I
Address inputs. Select the UART internal registers and ports for read/write
operations.
RESET
8
I
Reset. A HIGH level clears internal registers (SR, IMR, ISR, OPR, OPCR), places
I/O[7:0] at high-impedance input state, stops the counter/timer, and puts Channel in
the inactive state, with the TXD output in the ‘mark’ (HIGH) state. Sets MR pointer to
MR1 9600 baud, 1 start, no parity and 1 stop bit(s).
IRQN
46
O
Interrupt request. Active LOW, open-drain output which signals the CPU that one
or more of the eleven (11) maskable interrupting conditions are true.
IACKN
23
I
Interrupt acknowledge. Active LOW input indicates an interrupt acknowledge
cycle. Usually asserted by the CPU in response to an interrupt request. When
asserted places the interrupt vector on the bus.
X1/SCLK
47
I
Crystal 1. Crystal or external clock input. A crystal or clock of the specified limits
must be supplied at all times. When a crystal is used, a capacitor must be connected
from this pin to ground (see Figure 12).
X2
48
O
Crystal 2. Connection for other side of the crystal. When a crystal is used, a
capacitor must be connected from this pin to ground (see Figure 12). If X1/SCLK is
driven from an external source, this pin must be open or not driving more than
2 CMOS or TTL loads.
RXD
7
I
Channel A Receiver serial data input. The least significant bit is received first.
‘Mark’ is HIGH; ‘space’ is LOW.
TXD
45
O
Channel A Transmitter serial data output. The least significant bit is transmitted
first. This output is held in the ‘mark’ condition when the transmitter is disabled, idle
or when operating in local loopback mode. ‘Mark’ is HIGH; ‘space’ is LOW.
I/O7A to I/O0A
37, 38, 39,
40, 41, 42,
43, 44
I/O
General-purpose input and output ports. The character of these pins is controlled
by I/OPCR. They may be inputs or outputs and will present many internal clocks and
interrupt signals: RTS, CTS, DTR, DSR, and so on. All have change-of-state
detectors and the input is always active. These pins are set to input only when
addressed from the low order address space. When these pins are configured for
interrupt type signals (RXRDY, TXRDY, C/TRDY), they switch to open-drain outputs.
Each of these pins has a small pull-up ‘resistor’ that supplies approximately 5
µA of
current.
I/O6B
29
I/O
Additional general-purpose I/O pins. They are similar to the above without any
connection to the data path or clocks. They have Change-Of-State (COS) detectors
and will generate interrupts if enabled. Each of these pins has a small pull-up
‘resistor’ that supplies approximately 5
µA of current.
I/O4B to I/O2B
30, 31, 32
I/O0B
33
VDD
1, 13, 24,
34
power
Power supply (4 pins). +3.3 V
± 10 % or +5.0 V ± 10 % supply input. Operation is
assured from 2.97 V or 5.5 V. Timing parameters are specified with respect to the
VDD being at 3.3 V ± 10 % or 5.0 V ± 10 %.
VSS
2, 14, 25,
35, 36
power
Ground (5 pins)
Table 2:
Pin description for 80xxx bus interface (Intel) …continued
See Figure 3.
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com