Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 64Page - NXP Semiconductors SC28L201 Datasheet HTML 65Page - NXP Semiconductors SC28L201 Datasheet HTML 66Page - NXP Semiconductors SC28L201 Datasheet HTML 67Page - NXP Semiconductors SC28L201 Datasheet HTML 68Page - NXP Semiconductors SC28L201 Datasheet HTML 69Page - NXP Semiconductors SC28L201 Datasheet HTML 70Page - NXP Semiconductors SC28L201 Datasheet HTML 71Page - NXP Semiconductors SC28L201 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
68 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
If the value in CTPU and CTPL is changed, the current half-period will not be affected, but
subsequent half-periods will be. The C/T will not be running until it receives an initial
‘Start Counter’ command from the Command Register (or a read at address
A6 to A0 = 0x0E in the lower 16 position address space). After this, while in timer mode,
the C/T will run continuously. Receipt of a start counter command causes the counter to
terminate the current timing cycle and to begin a new cycle using the values in CTPU and
CTPL.
The counter ready status bit (ISR[3]) is set once each cycle of the square wave. The bit is
reset by a stop counter command from the command register (or a read with
A6 to A0 = 0x0F in the lower 16 position address space). The command however, does
not stop the C/T. the generated square wave is output on I/O3 if it is programmed to be the
C/T output. In the counter mode, the value C/T loaded into CTPU and CTPL by the CPU is
counted down to 0. Counting begins upon receipt of a start counter command. Upon
reaching terminal count 0x0000, the counter ready interrupt bit (ISR[3]) is set. The counter
continues counting past the terminal count until stopped by the CPU. If I/O3 is
programmed to be the output of the C/T, the output remains HIGH until terminal count is
reached; at which time it goes LOW. The output returns to the HIGH state and ISR[3] is
cleared when the counter is stopped by a stop counter command. The CPU may change
the values of CTPU and CTPL at any time, but the new count becomes effective only on
the next start counter commands. If new values have not been loaded, the previous count
values are preserved and used for the next count cycle.
In the counter mode, the current value of the upper and lower 8 bits of the counter (CTPU,
CTPL) may be read by the CPU. It is recommended that the counter be stopped when
reading to prevent potential problems that may occur if a carry from the lower 8 bits to the
upper 8 bits occurs between the times that both halves of the counter are read. However,
note that a subsequent start counter command will cause the counter to begin a new
count cycle using the values in CTPU and CTPL. When the C/T clock divided by 16 is
selected, the maximum divisor becomes 1,048,575.
8.4.8 The CTS, RTS, CTS Enable Tx signals
CTS (Clear To Send) is usually meant to be a signal to the transmitter meaning that it may
transmit data to the receiver. The CTS input is on pin I/O0A for Tx A. The CTS signal is
active LOW, thus it is called CTSN A for Tx A. RTS is usually meant to be a signal from
the receiver indicating that the receiver is ready to receive data. It is also active LOW and
is called RTSN A for Rx A. RTSN A is on pin I/O0B. A receiver’s RTSN output will usually
be connected to the CTS input of the associated transmitter. Therefore, one could say that
RTS and CTS are different ends of the same wire!
MR2[4] is the bit that allows the transmitter to be controlled by the CTS pin (I/O0A or
I/O1A). When this bit is set to one and the CTS input is driven HIGH, the transmitter will
stop sending data at the end of the present character being serialized. It is usually the
RTS output of the receiver that will be connected to the transmitter’s CTS input. The
receiver will set RTS HIGH when the receiver FIFO is full and the start bit of the ninth
character is sensed. Transmission then stops with nine valid characters in the receiver.
When MR2[4] is set to one, CTSN must be at zero for the transmitter to operate. If MR2[4]
is set to zero, the I/O pin will have no effect on the operation of the transmitter. MR1[7] is
the bit that allows the receiver to control I/O0B. When the receiver controls I/O0B, the
meaning of that pin will be the RTSN function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com