Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 24Page - NXP Semiconductors SC28L201 Datasheet HTML 25Page - NXP Semiconductors SC28L201 Datasheet HTML 26Page - NXP Semiconductors SC28L201 Datasheet HTML 27Page - NXP Semiconductors SC28L201 Datasheet HTML 28Page - NXP Semiconductors SC28L201 Datasheet HTML 29Page - NXP Semiconductors SC28L201 Datasheet HTML 30Page - NXP Semiconductors SC28L201 Datasheet HTML 31Page - NXP Semiconductors SC28L201 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
28 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
updated by an arbitration or bidding unit that selects the highest value presented by the
various interrupt sources that may be enabled at any time. The values used are under the
control of the software and the FIFO fill counters.
The arbitration is exercised over the several systems within the UART that may generate
an interrupt. These will be referred to as ‘interrupt sources’. There are 11 in all and may of
those have several sublevels. In general the arbitration is based on the fill level of the
receiver FIFO or the empty level of the transmitter FIFO. The FIFO levels are encoded into
an 8-bit number, which is concatenated to the channel number and source identification
code. All of this is compared (via the bidding or arbitration process) to a user defined
‘threshold’. Whenever a source exceeds the numerical value of the threshold the interrupt
will be generated.
Interrupt sources that do not have a FIFO are each provided with a ‘programmable field’
that will determine their importance in the arbitration and type identification process. (See
Table 4.)
At the time of interrupt acknowledge (IACKN) the source which has the highest bid (not
necessarily the source that caused the interrupt to be generated) will be captured in a
Current Interrupt Register (CIR). This register will contain the complete definition of the
interrupting source: channel, types of interrupt (receiver, transmitter, change-of-state, and
so on) and FIFO fill level. The value of the bits in the CIR are used to drive the interrupt
vector and global registers such that controlling processor may be steered directly to the
proper service routine. A single read operation to the CIR provides all the information
needed to qualify and quantify the most common interrupt sources.
Using IACKN automatically provides an update of the CIR and presents that data as an
interrupt vector or an interrupt vector modified. Without the use of the IACKN, and update
CIR command will be issued followed by a read of the CIR.
The interrupt sources are:
• Receiver without error
• Receiver with error for each channel
• Receiver Watchdog Time-out Event
• Transmitter
• Change in break received status per channel
• Rx loopback error
• Change of state on channel input pins
• Xon/Xoff character recognition
• Counter/Timer
• Address character recognition
• No interrupt active (very useful in polled service and as a test value to terminate
interrupt service) when CIR = 0x00
Transmit FIFO empty level and Receiver FIFO fill levels are unique for each channel and
may be set at any level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com