Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 76Page - NXP Semiconductors SC28L201 Datasheet HTML 77Page - NXP Semiconductors SC28L201 Datasheet HTML 78Page - NXP Semiconductors SC28L201 Datasheet HTML 79Page - NXP Semiconductors SC28L201 Datasheet HTML 80Page - NXP Semiconductors SC28L201 Datasheet HTML 81Page - NXP Semiconductors SC28L201 Datasheet HTML 82Page - NXP Semiconductors SC28L201 Datasheet HTML 83Page - NXP Semiconductors SC28L201 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
80 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Table 69:
I/OPCR0 - I/O Port Configuration Register (address 0x13) bit description
Bit
Symbol
Description
7:6
I/O3A control
00 = GPI/TxC A
01 = OPR[3] A
10 = TxC A (16
×) output
11 = reserved
5:4
I/O2A control
00 = GPI/CT 0 clock input
01 = OPR[2] A/DTRN A
10 = TxC A (1
×) output
11 = reserved
3:2
I/O1A control
00 = GPI
01 = OPR[1] A
10 = reserved
11 = reserved
1:0
I/O0A control
00 = GPI/CTSN A
01 = OPR[0] A
10 = reserved
11 = reserved
Table 70:
I/OPCR1 - I/O Port Configuration Register (address 0x14) bit description
Bit
Symbol
Description
7:6
I/O7A control
00 = GPI/CT 1 Clock input
01 = OPR[7] A
10 = TxC B (1
×) output
11 = reserved
5:4
I/O6A control
00 = GPI/PBRG 1 clock input
01 = OPR[6] A
10 = reserved
11 = reserved
3:2
I/O5A control
00 = GPI
01 = OPR[5] A
10 = reserved
11 = reserved
1:0
I/O4A control
00 = GPI/RxC A/PBRG 0 clock input
01 = OPR[4] A
10 = RxC A (16
×) output
11 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com