Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 42Page - NXP Semiconductors SC28L201 Datasheet HTML 43Page - NXP Semiconductors SC28L201 Datasheet HTML 44Page - NXP Semiconductors SC28L201 Datasheet HTML 45Page - NXP Semiconductors SC28L201 Datasheet HTML 46Page - NXP Semiconductors SC28L201 Datasheet HTML 47Page - NXP Semiconductors SC28L201 Datasheet HTML 48Page - NXP Semiconductors SC28L201 Datasheet HTML 49Page - NXP Semiconductors SC28L201 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
46 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.2.3 Mode Register 2 (MR2)
MR2 can be accessed directly at 0x22 in the Extended section of the address map, or by
means of the MR Pointer at 0x00 used by legacy code.
The MR2 register provides basic channel setup control that may need more frequent
updating.
Table 18:
MR2 - Mode Register 2 (address 0x22) bit description
Bit
Symbol
Description
7:6
Channel Mode Select. The UART can operate in one of the following four
modes:
00 = Normal mode (default)
01 = Automatic Echo mode
10 = Local loopback mode
11 = Remote loopback mode
Normal mode: the transmitter and receiver operating independently.
Automatic Echo mode: this mode automatically retransmits the received
data. The following conditions are true while in Automatic Echo mode:
• Received data is re-clocked and re-transmitted on the TXD output.
• The receiver clock is used for the transmitted data.
• The receiver must be enabled, but the transmitter need not be enabled.
• The TxRDY and Tx Idle status bits are inactive.
• The received parity is checked, but is not regenerated for transmission,
that is, transmitted parity bit is as received.
• Character framing is checked, but the stop bits are retransmitted as
received. Rx data is sent to RxFIFO.
• A received break is echoed as received until the next valid start bit is
detected.
• CPU to receiver communication continues normally, but the CPU to
transmitter link is disabled.
Local loopback mode. In this mode:
• The transmitter output is internally connected to the receiver input.
• The transmitter’s 1
× clock is used for the receiver.
• The TXD output is held HIGH.
• The RXD input is ignored.
• The transmitter must be enabled, but the receiver need not be enabled.
• CPU to transmitter and receiver communications continue normally.
Remote Loopback diagnostic mode. In this mode:
• Received data is re-clocked and re-transmitted on the TXD output.
• The receiver 1
× clock is used for the transmitted data.
• Received data is not sent to the local CPU, and the error status
conditions are inactive.
• The received parity is not checked and is not regenerated for
transmission, that is, the transmitted parity bit is as received.
• The receiver must be enabled, but the transmitter need not be enabled.
• Character framing is not checked, and the stop bits are retransmitted as
received.
• A received break is echoed as received until the next valid start bit is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com