Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 75Page - NXP Semiconductors SC28L201 Datasheet HTML 76Page - NXP Semiconductors SC28L201 Datasheet HTML 77Page - NXP Semiconductors SC28L201 Datasheet HTML 78Page - NXP Semiconductors SC28L201 Datasheet HTML 79Page - NXP Semiconductors SC28L201 Datasheet HTML 80Page - NXP Semiconductors SC28L201 Datasheet HTML 81Page - NXP Semiconductors SC28L201 Datasheet HTML 82Page - NXP Semiconductors SC28L201 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
79 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.6.8 Input Change Detect Enable, B (IPCE)
IPCE[7:0] bits activate the input change of state detectors. If a pin is configured as an
output, the change of state detectors, if enabled, continue to be active and will show a
change of state as the I/P port changes.
8.6.9 I/O Port Configuration Registers (I/OPCR0, I/OPCR1, I/OPCR2, I/OPCR3)
These four registers contain 4 2-bit fields that set the direction and source for each of the
I/O pins associated with the channel. The I/O0B output may be RTSN if MR1[7] is set. It
may also signal end of transmission if MR2[5] is set. (Please see the descriptions of these
functions under Section 8.2.2 “Mode Register 1 (MR1)” and Section 8.2.3 “Mode Register
2 (MR2)”).
The binary settings of the binary 00 combination always configures the I/O pins as
‘inputs’. However, the input circuit of the I/O pins are always active. In actuality, the binary
00 condition only disables the output driver of the pin. Since the input circuit and the
associated change-of-state detector is always active, the output signal may generate
interrupts or drive counters.
This register resets to 0x00 on reset, effectively configuring all I/O pins as inputs. Inputs
may be used as RxC, TxC inputs or CTSN and General Purpose Inputs simultaneously.
All inputs are equipped with change detectors that may be used to generate interrupts or
can be polled, as required.
Remark: Both I/O Port A and B default to input upon a hardware reset to avoid hardware
conflicts with I/O direction.
Table 68:
IPCE - Input Change Detect Enable register, A (address 0x32) bit description
Bit
Symbol
Description
7
reserved
6
∆I/O6B enable.
0 = disable
1 = enable
5
reserved
4
∆I/O4B enable.
0 = disable
1 = enable
3
∆I/O3B enable.
0 = disable
1 = enable
2
∆I/O2B enable.
0 = disable
1 = enable
1
reserved
0
∆I/O0B enable.
0 = disable
1 = enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com