Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 29Page - NXP Semiconductors SC28L201 Datasheet HTML 30Page - NXP Semiconductors SC28L201 Datasheet HTML 31Page - NXP Semiconductors SC28L201 Datasheet HTML 32Page - NXP Semiconductors SC28L201 Datasheet HTML 33Page - NXP Semiconductors SC28L201 Datasheet HTML 34Page - NXP Semiconductors SC28L201 Datasheet HTML 35Page - NXP Semiconductors SC28L201 Datasheet HTML 36Page - NXP Semiconductors SC28L201 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
33 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Remark: Reading the XISR Clears the status bits associated with the recognition.
The characters of the recognition system are fully programmable. The Xon/Xoff
characters will be set to the standard characters if the hardware or software reset is used.
The character recognition circuits are basically designed to provide general-purpose
character recognition. Additional control logic has been added to allow for Xon/Xoff flow
control and for recognition of the address character in the multi-drop or Wake-up mode.
This logic also allows for the generation of interrupts in either the general-purpose
recognition mode or the specific conditions mentioned above.
The generality of the above provides a modicum of compatibility to BOP (Bit Oriented
Protocol) where the generation and detection of ‘flags’ is required. Parts of usually
synchronous BOP protocols (HDLC in particular) are beginning to show up in
asynchronous formats.
7.4.9.1
Character stripping
The MR0[7:6] register provides for stripping (meaning not set to the RxFIFO) the
characters used for character recognition. Recall that the character recognition may be
conditioned to control several aspects of the communication. However this system is first a
character recognition system. The status of the various states of this system is reported in
the XISR and ISR registers. The character stripping of this system allows for the removal
of the specified control characters from the data stream: two for the Xon /Xoff and one for
the wake-up. Via control in the MR0[7:6] register these characters may be discarded
(stripped) from the data stream when the recognition system ‘sees’ them or they may be
sent on the RxFIFO. Whether they are stripped or not the recognition system will process
them according to the action requested; flow control, wake-up, interrupt generation, and
so on. Care should be exercised in programming the stripping option if noisy
environments are encountered. If a normal character were corrupted to an Xoff character
the transmitter would be stopped. If that character were now stripped from the FIFO stack,
then that stripping action would make it difficult to determine the cause of transmitter
stopping.
When character stripping is invoked and a recognition character is received that has an
error bit set that character is sent to the RxFIFO even though character stripping is
active.
7.4.10 Flow control (Xon/Xoff)
This section describes in-band flow control or Xon/Xoff signaling. For the RTS/CTS
hardware (out-of-band) control see MR1[7] and MR2[4] descriptions.
The flow control is accomplished via the character recognition system giving recognition
information to the flow control processor. Xon and Xoff are special characters used by a
receiver to start and stop the remote transmitter that is sending it data. Several modes of
manual and automatic flow control are available by programming mode control.
7.4.10.1
Mode control
Xon/Xoff mode control is accomplished via the MR3[3:2].
00 — Xon/Xoff processing disabled. The host will control Rx, Tx.
01 — Auto Tx control. Tx is stopped/started when Xoff/Xon is received.
10 — Auto Rx control. Receiver commands Tx to send Xoff at trigger level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com