Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 78Page - NXP Semiconductors SC28L201 Datasheet HTML 79Page - NXP Semiconductors SC28L201 Datasheet HTML 80Page - NXP Semiconductors SC28L201 Datasheet HTML 81Page - NXP Semiconductors SC28L201 Datasheet HTML 82Page - NXP Semiconductors SC28L201 Datasheet HTML 83Page - NXP Semiconductors SC28L201 Datasheet HTML 84Page - NXP Semiconductors SC28L201 Datasheet HTML 85Page - NXP Semiconductors SC28L201 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
82 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.6.10 Set the Output Port Bits OPR A and OPR B (SOPR A and SOPR B)
Ones in the byte written to this register will cause the corresponding bit positions in the
OPR to set to ‘1’. Zeros have no effect. This allows software to set individual bits with our
keeping a copy of the OPR bit configuration. One register for each channel.
Table 73:
SOPR A, SOPR B - Set the Output Port Bits OPR A and OPR B register (address
0x10, 0x18) bit description
Bit
Symbol
Description
7
OPR 7
1 = set bit
0 = no change
6
OPR 6
1 = set bit
0 = no change
5
OPR 5
1 = set bit
0 = no change
4
OPR 4
1 = set bit
0 = no change
3
OPR 3
1 = set bit
0 = no change
2
OPR 2
1 = set bit
0 = no change
1
OPR 1
1 = set bit
0 = no change
0
OPR 0
1 = set bit
0 = no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com