Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 7Page - NXP Semiconductors SC28L201 Datasheet HTML 8Page - NXP Semiconductors SC28L201 Datasheet HTML 9Page - NXP Semiconductors SC28L201 Datasheet HTML 10Page - NXP Semiconductors SC28L201 Datasheet HTML 11Page - NXP Semiconductors SC28L201 Datasheet HTML 12Page - NXP Semiconductors SC28L201 Datasheet HTML 13Page - NXP Semiconductors SC28L201 Datasheet HTML 14Page - NXP Semiconductors SC28L201 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
11 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
6.1.4 UART
The UART is a fully independent, full duplex and provides all normal asynchronous
functions: 5 to 8 data bits, parity odd or even, programmable stop bit length, false start bit
detection. Also provided are 256-byte FIFOs, Xon/Xoff software flow control, RTS/CTS
hardware flow control. The 9-bit mode address recognition with automatic RS485
turnaround. The BRG, Counter/Timer, or external clocks provide the baud rates. The
receivers and transmitters may operate in either the ‘1
×’ or ‘16×’ modes.
The control section recognizes two address schemes. One is the subset of the other: a
four (4) bit and a seven (7) bit address spaces. The purpose of this is to provide a large
degree of software compatibility with previous Philips/Signetics UARTs.
6.1.5 Transmitter and receiver
The transmitter and receiver are independent devices capable of full duplex operation.
Baud rates, interrupt and status conditions are under separate control. Transmitter has
automatic simplex ‘turnaround’. Receiver has RTS and Xon/Xoff flow control and a
three-character recognition system.
6.1.6 Transmitter real time error check
This is a circuit used to verify that the correct data arrived at the destination. It is done real
time with one or two bit times of programmable delay. The purpose of this circuit is to
improve the response time of detecting problem data channels and to relieve the
processor burden and delay of checking data returned for validation.
The function is that the receiver returns the data received back to the transmitting station
where it is compared to a delayed version of the data sent. If an error occurs, and interrupt
may be generated for the particular bit that is in error. This is essentially a loopback
condition where circuits internal to the UART delay and compare the data returned.
It is suggested that a very high priority be set in the interrupt arbitration bidding control
register when the real time error detection is in use.
6.1.7 FIFO structures
The FIFO structure is 256 bytes for each of the two FIFOs in the UART. They are
organized as 11-bit words for the receiver and 8-byte words for the transmitter. The
interrupt level may be set at any value from 0 to 255. The interrupt level is independently
set for each FIFO.
FIFO interrupt and DMA fill/empty levels are controlled by the RXFIL and TXFIL registers
which may set any level of the from 0 to 255. The signals associated with the FIFO fill
levels are available to the I/O pins (for interrupt or DMA) and to the arbitrating interrupt
system for fine tuning of the arbitration authority.
6.1.8 Intelligent interrupt arbitration
The interrupt system uses a highly programmable arbitrating technique to establish when
an interrupt should be presented to the processor. The advantageous feature of this
system is the presentation of the context of the interrupt. It is presented in both a current
interrupt register and in the interrupt vector. The context of the interrupt shows the
interrupting channel, identifies which of the 11 possible sources in requesting interrupt
service and in the case of a receiver or transmitter gives the current fill level of the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com