Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 91Page - NXP Semiconductors SC28L201 Datasheet HTML 92Page - NXP Semiconductors SC28L201 Datasheet HTML 93Page - NXP Semiconductors SC28L201 Datasheet HTML 94Page - NXP Semiconductors SC28L201 Datasheet HTML 95Page - NXP Semiconductors SC28L201 Datasheet HTML 96Page - NXP Semiconductors SC28L201 Datasheet HTML 97Page - NXP Semiconductors SC28L201 Datasheet HTML 98Page - NXP Semiconductors SC28L201 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
95 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
[1]
Test conditions for outputs: CL = 85 pF, except interrupt outputs. Test conditions for interrupt outputs: CL =85pF, RL = 2.7 kΩ to VDD.
[2]
Timing is illustrated and referenced to the WRN and RDN inputs. Also, CEN may be the ‘strobing’ input. CEN and RDN (also CEN and
WRN) are ORed internally. The signal asserted last initiates the cycle and the signal negated first terminates the cycle.
[3]
Guaranteed by characterization of sample units.
[4]
If CEN is used as the ‘strobing’ input, the parameter defines the minimum HIGH times between one CEN and the next. The RDN signal
must be negated for td(RWD) time to guarantee that any Status Register changes are valid.
[5]
Minimum frequencies are not tested, but are guaranteed by design.
[6]
Clocks for 1
× mode should be reasonably symmetrical.
[7]
Data is usually setup with respect to CEN going LOW (the leading edge of CEN). This mode strongly implies the use of DACKN. (Its use
is not strictly required.) DACKN is derived from the X1/SCLK input. It is seldom that the system clocks that ultimately drive the CEN,
address, and R/WN signals are synchronous to the X1/SCLK. If address, data, R/WN are setup before CEN goes LOW and hold
through DACKN, the timing parameters above will be guaranteed.
th(D)(mot)
CEN HIGH to data hold time
0-0-
ns
tsu(An-CENL)(mot)
address to CEN LOW setup
time
10-10-
ns
th(CENL-An)(mot)
CEN LOW to address hold time
10
-
10
-
ns
tDv(CENL)
CEN LOW to data valid time
-
45
-
35
ns
td(RWD)(mot)
read and write cycle HIGH time
[2] [4]
10-10-
ns
tDCR
X1/SCLK HIGH to DACKN LOW
time (read cycle)
-
35
-
35
ns
tDCW
X1/SCLK HIGH to DACKN LOW
time (write cycle)
-
30
-
25
ns
tDAT
CEN to IACKN HIGH DACKN
high-impedance time
-
15
-
15
ns
tCSC
CEN or IACKN to X1/SCLK
HIGH setup time
for minimum DACKN cycle
10
-
10
-
ns
Table 82:
Dynamic characteristics …continued
Tamb = −40 °C to +85 °C; voltage tolerance ± 10 %; unless otherwise specified. [1]
Symbol
Parameter
Conditions
VDD = 3.3 V
VDD =5V
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com