Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 48Page - NXP Semiconductors SC28L201 Datasheet HTML 49Page - NXP Semiconductors SC28L201 Datasheet HTML 50Page - NXP Semiconductors SC28L201 Datasheet HTML 51Page - NXP Semiconductors SC28L201 Datasheet HTML 52Page - NXP Semiconductors SC28L201 Datasheet HTML 53Page - NXP Semiconductors SC28L201 Datasheet HTML 54Page - NXP Semiconductors SC28L201 Datasheet HTML 55Page - NXP Semiconductors SC28L201 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
52 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
4:0
Command Register codes
The encoded value of this field can be used to specify a single command as
follows:
0 0000: no command
0 0001: reserved
0 0010: Reset receiver. Immediately resets the receiver as if hardware
reset had been applied. The receiver is reset and the FIFO pointer is reset
to the first location effectively discarding all unread characters in the FIFO.
0 0011: Reset transmitter. Immediately resets the transmitter as if a
hardware reset had been applied. The transmitter is reset and the FIFO
pointer is reset to the first location effectively discarding all un-transmitted
characters in the FIFO.
0 0100: Reset error status. Clears the received break, parity error, framing
error, and overrun error bits in the Status Register (SR[7:4]). It is used in
either character or block mode. In block mode it would normally be used
after the block is read.
0 0101: Reset break change interrupt. Causes the break detect change bit
in the Interrupt Status Register (ISR[2]) to be cleared to zero.
0 0110: Start break. Forces the TXD output LOW (spacing). If the
transmitter is empty, the start of the break condition will be delayed up to
two bit times. If the transmitter is active and the TxFIFO is empty then the
break begins when transmission of the current character is completed. If
there are characters in the TxFIFO, the start of break is delayed until all
characters presently in the TxFIFO and any subsequent characters loaded
have been transmitted. (Tx Idle must be true before break begins). The
transmitter must be enabled to start a break.
0 0111: Stop break. The TXD line will go HIGH (marking) within two bit
times. TXD will remain HIGH for one bit time before the next character is
transmitted.
0 1000: Assert RTSN. Causes the RTSN output to be asserted (LOW).
0 1001: Negate RTSN. Causes the RTSN output to be negated (HIGH).
Remark: The two commands above actually reset and set, respectively,
the I/O0B (Channel A) pin associated with the OPR register. (See Section
8.6.10 “Set the Output Port Bits OPR A and OPR B (SOPR A and
SOPR B)” and Section 8.6.11 “Reset Output Port bits OPR A and OPR B
(ROPR A, ROPR B)”).
0 1010: Set C/T Receiver time-out mode on.
0 1011: Set MR Pointer to 0.
0 1100: Set C/T Receiver time-out mode off.
0 1101: Block error status accumulation on FIFO entry. Allows the
‘received break’, ‘framing error’, and ‘parity error’ bits to be set as the
received character is loaded to the RxFIFO (normally these bits are set on
reading of the data from the RxFIFO). Setting this mode can give
information about error data up to 256 bytes earlier than the normal mode.
However, it clouds the ability to know precisely which byte(s) are in error.
0 1110: Power-down mode on.
0 1111: Disable Power-down mode.
Table 23:
CRx - Command Register Extension (address 0x12) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com