Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 63Page - NXP Semiconductors SC28L201 Datasheet HTML 64Page - NXP Semiconductors SC28L201 Datasheet HTML 65Page - NXP Semiconductors SC28L201 Datasheet HTML 66Page - NXP Semiconductors SC28L201 Datasheet HTML 67Page - NXP Semiconductors SC28L201 Datasheet HTML 68Page - NXP Semiconductors SC28L201 Datasheet HTML 69Page - NXP Semiconductors SC28L201 Datasheet HTML 70Page - NXP Semiconductors SC28L201 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
67 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.4.7 Counter/Timer Preset Upper and Counter/Timer Preset Lower (CTPU, CTPL)
The CTPU and CTPL hold the eight MSBs and eight LSBs, respectively, of the value to be
used by the Counter/Timer in either the counter or timer modes of operation. The
minimum value that may be loaded into the CTPU/CTPL registers is 0x0000. Note that
these registers are write-only and cannot be read by the CPU.
In the timer mode, the C/T generates a square wave whose period is twice the value (in
C/T clock periods) of the CTPU and CTPL. The waveform so generated is often used for a
data clock. The formula for calculating the divisor ‘n’ to load to the CTPU and CTPL for a
particular 1
× data clock is shown in Equation 2.
(2)
Remark: The 2 in the denominator is for the square wave generation. For the Pulse mode,
change the 2 to a 1. This doubles the C/T output speeds for any given input clock.
Often this division will result in a non-integer value: 26.3 for example. One may only
program integer numbers to a digital divider. Therefore, 26 (0x001A) would be chosen. If
26.7 were the result of the division, then 27 (0x0017) would be chosen. This gives a baud
rate error of 0.3/26.3 or 0.3/26.7 that yields a percentage error of 1.14 % or 1.12 %,
respectively, well within the ability of the asynchronous mode of operation. Higher input
frequency to the counter reduces the error effect of the fractional division.
3
PBRG 0 register control
0 = resets PBRG 0 and holds it stopped
1 = allows PBRG 0 to run
2:0
PBRG 0 clock selection
000 = SCLK
001 = SCLK/2
010 = SCLK/16
011 = SCLK/32
100 = SCLK/64
101 = SCLK/128
110 = I/O3A
111 = reserved
Table 43:
PBRGCS - Programmable BRG Clock Source 0 and 1 register (address 0x33) bit
description …continued
Bit
Symbol
Description
Table 44:
CTPU - Counter/Timer Preset Upper 0 and 1 register (address 0x16, 0x1E)
bit description
Bit
Symbol
Description
7:0
The lower eight (8) bits for the 16-bit Counter/Timer Preset register
Table 45:
CTPL - Counter/Timer Preset Lower 0 and 1 register (address 0x17, 0x1F)
bit description
Bit
Symbol
Description
7:0
The upper eight (8) bits for the 16-bit Counter/Timer Preset register
n
C/T clock input frequency
216
baud rate desired
()
×
×
()
------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com