Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L201 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 69Page - NXP Semiconductors SC28L201 Datasheet HTML 70Page - NXP Semiconductors SC28L201 Datasheet HTML 71Page - NXP Semiconductors SC28L201 Datasheet HTML 72Page - NXP Semiconductors SC28L201 Datasheet HTML 73Page - NXP Semiconductors SC28L201 Datasheet HTML 74Page - NXP Semiconductors SC28L201 Datasheet HTML 75Page - NXP Semiconductors SC28L201 Datasheet HTML 76Page - NXP Semiconductors SC28L201 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
73 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
8.5.10 Bidding Control Register, Break Change (BCRBRK)
This register provides the 8 MSBs of the Interrupt Arbitration number for a break change
interrupt.
8.5.11 Bidding Control Register, Change-Of-State (BCRCOS)
This register provides the 8 MSBs of the Interrupt Arbitration number for a
Change-Of-State, COS, interrupt.
8.5.12 Bidding Control Register, Xon/Xoff (BCRx)
This register provides the 8 MSBs of the Interrupt Arbitration number for an Xon/Xoff
interrupt.
8.5.13 Bidding Control Register, Address (BCRA)
This register provides the 8 MSBs of the Interrupt Arbitration number for an address
recognition event interrupt.
8.5.14 Bidding Control Register, C/T 0 and C/T 1 (BCR C/T)
This register provides the 8 MSBs of the Interrupt Arbitration number for a counter/timer
event interrupt.
8.5.15 Bidding Control Register, Received Loopback Error (BCRLBE)
This register provides the 8 MSBs of the Interrupt Arbitration number for the received
loopback error interrupt.
Table 55:
BCRBRK - Bidding Control Register, Break change (address 0x50) bit description
Bit
Symbol
Description
7:0
MSBs of break change interrupt bid.
Table 56:
BCRCOS - Bidding Control Register, Change-Of-State (address 0x51)
bit description
Bit
Symbol
Description
7:0
MSBs of Change-Of-State detectors (COS) interrupt bid.
Table 57:
BCRx - Bidding Control Register, Xon/Xoff (address 0x53) bit description
Bit
Symbol
Description
7:0
MSBs of an Xon/Xoff interrupt bid.
Table 58:
BCRA - Bidding Control Register, Address (address 0x54) bit description
Bit
Symbol
Description
7:0
MSBs of an address recognition event interrupt bid.
Table 59:
BCRA - Bidding Control Register, Address (address 0x52) bit description
Bit
Symbol
Description
7:0
MSBs of a Counter/Timer event interrupt bid.
Table 60:
BCRLBE - Bidding Control Register, Address (address 0x55) bit description
Bit
Symbol
Description
7:0
MSBs of a received loopback error event interrupt bid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com