Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 102Page - ATMEL Corporation AT89LP51 Datasheet HTML 103Page - ATMEL Corporation AT89LP51 Datasheet HTML 104Page - ATMEL Corporation AT89LP51 Datasheet HTML 105Page - ATMEL Corporation AT89LP51 Datasheet HTML 106Page - ATMEL Corporation AT89LP51 Datasheet HTML 107Page - ATMEL Corporation AT89LP51 Datasheet HTML 108Page - ATMEL Corporation AT89LP51 Datasheet HTML 109Page - ATMEL Corporation AT89LP51 Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
106
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
20.3
44J – PLCC
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AC.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
4.191
–
4.572
A1
2.286
–
3.048
A2
0.508
–
–
D
17.399
–
17.653
D1
16.510
–
16.662
Note 2
E
17.399
–
17.653
E1
16.510
–
16.662
Note 2
D2/E2
14.986
–
16.002
B
0.660
–
0.813
B1
0.330
–
0.533
e
1.270 TYP
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
D2/E2
B
e
E1
E
D1
D
44J, 44-lead, Plastic J-leaded Chip Carrier (PLCC)
B
44J
10/04/01
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com