Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 105Page - ATMEL Corporation AT89LP51 Datasheet HTML 106Page - ATMEL Corporation AT89LP51 Datasheet HTML 107Page - ATMEL Corporation AT89LP51 Datasheet HTML 108Page - ATMEL Corporation AT89LP51 Datasheet HTML 109Page - ATMEL Corporation AT89LP51 Datasheet HTML 110Page - ATMEL Corporation AT89LP51 Datasheet HTML 111Page - ATMEL Corporation AT89LP51 Datasheet HTML 112Page - ATMEL Corporation AT89LP51 Datasheet HTML 113Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
ii
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Table of Contents (Continued)
8
Power Saving Modes ............................................................................. 33
8.1
Idle Mode .........................................................................................................33
8.2
Power-down Mode ...........................................................................................34
8.3
Reducing Power Consumption ........................................................................36
9
Interrupts ................................................................................................ 36
9.1
Interrupt Response Time .................................................................................37
10
I/O Ports .................................................................................................. 40
10.1
Port Configuration ............................................................................................40
10.2
Port Read-Modify-Write ...................................................................................43
10.3
Port Alternate Functions ..................................................................................44
11
Timer 0 and Timer 1 ............................................................................... 45
11.1
Mode 0 – 13-bit Timer/Counter ........................................................................46
11.2
Mode 1 – 16-bit Timer/Counter ........................................................................46
11.3
Mode 2 – 8-bit Auto-Reload Timer/Counter .....................................................47
11.4
Mode 3 – 8-bit Split Timer ...............................................................................47
11.5
Clock Output (Pin Toggle Mode) .....................................................................48
12
Timer 2 .................................................................................................... 50
12.1
Timer 2 Registers ............................................................................................51
12.2
Capture Mode ..................................................................................................52
12.3
Auto-Reload Mode ...........................................................................................52
12.4
Baud Rate Generator ......................................................................................54
12.5
Frequency Generator (Programmable Clock Out) ...........................................55
13
External Interrupts ................................................................................. 56
14
Serial Interface (UART) .......................................................................... 56
14.1
Multiprocessor Communications .....................................................................58
14.2
Baud Rates ......................................................................................................58
14.3
Framing Error Detection ..................................................................................60
14.4
Automatic Address Recognition ......................................................................60
14.5
More About Mode 0 .........................................................................................62
14.6
More About Mode 1 .........................................................................................68
14.7
More About Modes 2 and 3 .............................................................................70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com