Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 105Page - ATMEL Corporation AT89LP51 Datasheet HTML 106Page - ATMEL Corporation AT89LP51 Datasheet HTML 107Page - ATMEL Corporation AT89LP51 Datasheet HTML 108Page - ATMEL Corporation AT89LP51 Datasheet HTML 109Page - ATMEL Corporation AT89LP51 Datasheet HTML 110Page - ATMEL Corporation AT89LP51 Datasheet HTML 111Page - ATMEL Corporation AT89LP51 Datasheet HTML 112Page - ATMEL Corporation AT89LP51 Datasheet HTML 113Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
iii
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Table of Contents (Continued)
15
Programmable Watchdog Timer ........................................................... 73
15.1
Software Reset ................................................................................................73
16
Instruction Set Summary ...................................................................... 75
17
Programming the Flash Memory .......................................................... 79
17.1
Physical Interface ............................................................................................79
17.2
Memory Organization ...................................................................................... 81
17.3
Command Format ............................................................................................82
17.4
Status Register ................................................................................................85
17.5
DATA Polling ................................................................................................... 85
17.6
Flash Security ..................................................................................................85
17.7
User Configuration Fuses ................................................................................86
17.8
User Signature .................................................................................................87
17.9
Programming Interface Timing ........................................................................87
18
Electrical Characteristics ...................................................................... 92
18.1
Absolute Maximum Ratings* ...........................................................................92
18.2
DC Characteristics ...........................................................................................92
18.3
Typical Characteristics ....................................................................................93
18.4
Clock Characteristics .......................................................................................96
18.5
Reset Characteristics ......................................................................................97
18.6
External Memory Characteristics .....................................................................98
18.7
Serial Port Timing: Shift Register Mode ........................................................100
18.8
Test Conditions ..............................................................................................100
19
Ordering Information ........................................................................... 103
19.1
Green Package Option (Pb/Halide-free) ........................................................103
20
Packaging Information ........................................................................ 104
20.1
44A – TQFP ...................................................................................................104
20.2
40P6 – PDIP ..................................................................................................105
20.3
44J – PLCC ...................................................................................................106
20.4
44M1 – VQFN/MLF .......................................................................................107
21
Revision History ................................................................................... 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com