Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 25Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 26Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 27Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
24
Freescale Semiconductor
Electrical Characteristics
4.1.3
Operating Ranges
Table 11 provides the operating ranges of the i.MX50 processor.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5 Thermal resistance between the die and the case top surface as measured by using the cold plate method (MIL SPEC-883
Method 1012.1).
6 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as
Psi-JT.
Table 11. i.MX50 Operating Ranges
Symbol
Parameter
Minimum1
Nominal2
Maximum1
Unit
VDDGP
ARM core supply voltage
400
< f
ARM ≤ 800 MHz
0.95
1.05
1.15
V
ARM core supply voltage
167
< f
ARM ≤ 400 MHz
0.85
0.95
1.15
V
ARM core supply voltage
24
≤ f
ARM
≤ 167 MHz
0.8
0.9
1.15
V
ARM core supply voltage
Stop mode
0.75
0.85
1.15
V
VCC
Peripheral supply voltage low performance
mode (LPM). The DDR clock rate is 24 MHz.
0.9
0.95
1.275
V
Peripheral supply voltage reduced performance
mode (RPM). The DDR clock rate is 100 MHz.
13
1.05
1.275
V
Peripheral supply voltage high performance
mode (HPM). The clock frequencies are derived
from AHB bus using 133 MHz and AXI bus
using 266 MHz (as needed). The DDR clock
rate is 200 MHz.
1.175
1.225
1.275
V
VDDA/VDDAL1
Memory arrays voltage—Run mode
1.15
1.20
1.275
V
Memory arrays voltage—Stop mode
0.93
0.95
1.275
V
VDD3P0
Bandgap and 480 MHz PLL supply
2.7
3.0
3.3
V
VDD2P5
Efuse, 24 MHz oscillator, 32 kHz oscillator mux
supply
2.375
2.5
2.625
V
VDD1P2
PLL digital supplies
1.15
1.2
1.32
V
VDD1P8
PLL analog supplies
1.75
1.8
1.95
V
NVCC_JTAG
GPIO digital power supplies
1.65
1.875 or
2.775
3.1
V
NVCC_EMI_DRAM
DDR supply DDR2/LPDDR1 range
1.71
1.8
1.95
V
DDR supply LPDDR2 range
1.14
1.2
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com