Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 25Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 26Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 27Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 28Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 29Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 30Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
27
Table 14 shows the maximum supply current consumption of the i.MX50 for PMIC specification purposes.
4.1.5.1
Conditions for Stop Mode Current and Power Consumption
•
ARM core in STOP mode and power gated
•
VDDGP, VCC, and VDDA/VDDAL1 voltages at suspend levels
•
VDD3P0, VDD2P5, VDD1P8, and VDD1P2 powered off
•
USB_VDDA25 and USB_VDDA33 powered off
•
All other supply voltages at nominal levels
Table 14. Maximum Supply Current Consumption
Condition
Supply
Voltage (V)
Current (mA) Power (mW)
•Ta = 70
°C
• ARM core in RUN mode
• ARM CLK = 800 MHz
• SYS CLK = 266 MHz
• AHB CLK = 133 MHz
• DDR CLK = 266 MHz
• All voltages operating at maximum
levels
• External (MHz) crystal and on-chip
oscillator enabled
• All modules enabled
VDDGP
1.15
628
723
VCC
1.275
185
236
VDDA/VDDAL1
1.275
40
51
VDD1P2
1.3
5.92
7.70
VDD1P8
1.95
1.53
2.99
VDD2P51
1 During eFuse programming, the maximum current on VDD2P5 will exceed these values. See Table 13 for the maximum
VDD2P5 current during eFuse programming.
2.75
1.13
3.11
VDD3P0
3.3
1.61
5.32
NVCC_EMI_DRAM
1.95
8.3
16.17
VDD_DCDCI
1.95
0.021
0.041
USB_OTG_VDDA33 +
USB_H1_VDDA33
3.6
10.8
38.8
VDDO25 + USB_OTG_VDDA25 +
USB_H1_VDDA25
2.75
12.45
34.239
NVCC_RESET
3.1
0.226
0.701
NVCC_SRTC
1.3
0.0035
0.0045
Total
1120
Table 15. Stop Mode Current and Power Consumption 1
1 The typical power, at Ta = 25°C, will be < 1 mW, including all supplies. Total max power, at Ta=25°C, will not exceed 2.5 mW,
including all supplies.
Supply
Voltage (V)
Current (mA)
Typical, Ta = 25
°CMax, Ta = 25°C
VDDGP
0.85
0.057
0.198
VCC
0.95
0.544
1.890
VDDA/VDDAL1
0.95
0.071
0.247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com