Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 98Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 99Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 100Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
97
4.9.10.2.1
UART Transmitter
Figure 55 depicts the transmit timing of UART in the RS-232 serial mode with 8 data bit/1 stop bit
format. Table 70 lists the UART RS-232 serial mode transmit timing characteristics.
Figure 55. UART RS-232 Serial Mode Transmit Timing Diagram
4.9.10.2.2
UART Receiver
Figure 56 depicts the RS-232 serial mode receive timing with 8 data bit/1 stop bit format. Table 71 lists
serial mode receive timing characteristics.
Figure 56. UART RS-232 Serial Mode Receive Timing Diagram
4.9.10.3
UART IrDA Mode Timing
The following sections give the UART transmit and receive timings in IrDA mode.
Table 70. RS-232 Serial Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA1
Transmit Bit Time
tTbit
1/Fbaud_rate
1 –T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate +Tref_clk
—
Table 71. RS-232 Serial Mode Receive Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA2
Receive Bit Time1
1 The UART receiver can tolerate 1/(16*F
baud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16*Fbaud_rate).
tRbit
1/Fbaud_rate
2 – 1/(16*F
baud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate + 1/(16*Fbaud_rate)—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA1
UA1
UA1
UA1
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA2
UA2
UA2
UA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com