Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 85Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 86Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 87Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 88Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 89Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
89
4.9.9.1
SSI Transmitter Timing with Internal Clock
Figure 51 depicts the SSI transmitter internal clock timing and Table 65 lists the timing parameters for
the SSI transmitter internal clock.
.
Figure 51. SSI Transmitter Internal Clock Timing Diagram
Table 65. SSI Transmitter Timing with Internal Clock
ID
Parameter
Min
Max
Unit
Internal Clock Operation
SS1
(Tx/Rx) CK clock period
81.4
—
ns
SS2
(Tx/Rx) CK clock high period
36.0
—
ns
SS3
(Tx/Rx) CK clock rise time
—
6.0
ns
SS4
(Tx/Rx) CK clock low period
36.0
—
ns
SS5
(Tx/Rx) CK clock fall time
—
6.0
ns
SS6
(Tx) CK high to FS (bl) high
—
15.0
ns
SS8
(Tx) CK high to FS (bl) low
—
15.0
ns
SS10
(Tx) CK high to FS (wl) high
—
15.0
ns
SS12
(Tx) CK high to FS (wl) low
—
15.0
ns
SS14
(Tx/Rx) Internal FS rise time
—
6.0
ns
SS15
(Tx/Rx) Internal FS fall time
—
6.0
ns
SS16
(Tx) CK high to STXD valid from high impedance
—
15.0
ns
SS19
SS1
SS2
SS4
SS3
SS5
SS6
SS8
SS10
SS12
SS14
SS18
SS15
SS17
SS16
SS43
SS42
Note: SRXD input in synchronous mode only
TXC
(Output)
TXFS (wl)
(Output)
TXFS (bl)
(Output)
RXD
(Input)
TXD
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com