Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 48Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 49Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 50Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 51Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 52Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 53Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 54Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 55Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
52
Freescale Semiconductor
Electrical Characteristics
NF5
WE pulse width
tWP
DS*T
10
ns
NF6
ALE setup time
tALS
(AS+1)*T
—
10
—
ns
NF7
ALE hold time
tALH
(DH+1)*T
—
20
—
ns
NF8
Data setup time
tDS
DS*T
—
10
—
ns
NF9
Data hold time
tDH
DH*T
—
10
—
ns
NF10
Write cycle time
tWC
(DS+DH)*T
20
ns
NF11
WE hold time
tWH
DH*T
10
ns
NF12
Ready to RE low
tRR
(AS+1)*T
—
10
—
ns
NF13
RE pulse width
tRP
DS*T
—
10
—
ns
NF14
READ cycle time
tRC
(DS+DH)*T
—
20
—
ns
NF15
RE high hold time
tREH
DH*T
10
—
ns
NF16
Data setup on read
tDSR
N/A
10
—
ns
NF17
Data hold on read
tDHR
N/A
10
—
ns
1 GPMI’s Async Mode output timing could be controlled by module’s internal register, say
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers’ setting. In the above table, we use AS/DS/DH representing these settings each.
2 T represents for the GPMI clock period.
3 AS minimum value could be 0, while DS/DH minimum value is 1.
Table 39. Asynchronous Mode Timing Parameters1 (continued)
ID
Parameter
Symbol
Timing
T2 = GPMI Clock Cycle3
Example Timing for
GPMI Clock
≈ 100MHz
T = 10ns
Unit
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com