Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 25Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 26Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 27Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 28Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 29Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
26
Freescale Semiconductor
Electrical Characteristics
4.1.4
Operating Frequencies
Table 12 shows the interface frequency requirements.
4.1.5
Supply Current
Table 13 shows the run mode current consumption of the i.MX50.
Table 12. Interface Frequency
Parameter Description
Symbol
Min
Max
Unit
JTAG: TCK operating frequency
ftck
See Table 63
MHz
CKIL: operating frequency
fckil
32.7681
1 Generated Internally or applied externally.
kHz
CKIH: operating frequency
fckih
See Table 37
MHz
XTAL oscillator
fxtal
22
27
MHz
Table 13. E-Fuse Supply Current
Description
Symbol
Min
Typ
Max
Unit
eFuse program current1
VDD2P5 current is required to program one eFuse bit.
1 The current I
program is only required during program time (tprogram).
Iprogram
—40
55
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com