Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 33Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 38Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 39Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 40Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
37
4.4.1
GPIO Output Buffer Impedance
Table 23 shows the GPIO output buffer impedance of the i.MX50 processor.
4.4.2
LVIO Output Buffer Impedance
Table 24 shows the LVIO output buffer impedance of the i.MX50 processor.
Table 23. GPIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
2.775 V
OVDD
1.875V
Output driver
impedance
Rpu
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output driver
impedance
Rpd
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω
Table 24. LVIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
2.775 V
OVDD
1.875V
Output driver
impedance
Rpu
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output driver
impedance
Rpd
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com