Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 52Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 53Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 54Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 55Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 56Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 57Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 58Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 59Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
56
Freescale Semiconductor
Electrical Characteristics
4.6.5.3
Samsung Toggle Mode AC Timing
4.6.5.3.1
Command and Address Timing
NOTE
Samsung Toggle Mode command and address timing is the same as ONFI
1.0 compatible Async mode AC timing. Please refer to the above chapter for
details.
NF24
postamble delay
tPOST
POST_DELAY*tCK
—ns
NF25
CLE and ALE setup time
tCALS
0.5*tCK
—ns
NF26
CLE and ALE hold time
tCALH
0.5*tCK
—ns
NF27
Data input to first DQS
latching transition
tDQSS
tCK
—ns
1 GPMI’s sync mode output timing could be controlled by module’s internal register, say HW_GPMI_TIMING2_CE_DELAY,
HW_GPMI_TIMING_PREAMBLE_DELAY, and HW_GPMI_TIMING2_POST_DELAY. This AC timing depends on these
registers’ setting. In the above table, we use CE_DELAY/PRE_DELAY/POST_DELAY representing these settings each.
Table 40. Source Synchronous Mode Timing Parameters1 (continued)
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com