Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 38Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 39Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 40Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 41Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
38
Freescale Semiconductor
Electrical Characteristics
4.4.3
HVIO Output Buffer Impedance
Table 25 shows the HVIO output buffer impedance of the i.MX50 processor.
NOTE
Output driver impedance is measured with long transmission line of
impedance Ztl attached to I/O pad and incident wave launched into
transmission line. Rpu/Rpd and Ztl form a voltage divider that defines
specific voltage of incident wave relative to OVDD. Output driver
impedance is calculated from this voltage divider (see Figure 3).
Table 25. HVIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
1.95 V
OVDD
3.3 V
OVDD
1.875 V
OVDD
3.30V
OVDD
1.65 V
OVDD
2.68 V
Output driver
impedance
Rpu
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
113.5
56.2
37.8
103.8
51.9
35.1
130.6
66
45.9
133
69.2
41
219.4
109.7
73.1
212.2
111.1
71.8
Ω
Output driver
impedance
Rpd
Low drive strength, Ztl =1 50
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
78.5
39.7
26.8
70
34.5
23
113.6
56.8
38.3
102
50
33.3
230.8
115.4
76.9
179.5
89.8
60.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com