Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 25Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 26Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 27Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 28Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 29Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 30Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 31Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
28
Freescale Semiconductor
Electrical Characteristics
•
External (MHz) crystal and on-chip oscillator disabled
•
CKIL input ON with 32 kHz signal present
•
All PLLs OFF, all CCM-generated clocks OFF
•
All modules disabled
•
No external resistive loads that cause current
4.1.6
USB-OH-1 (OTG + 1 Host Port) Current Consumption
Table 16 shows the USB interface current consumption.
4.2
Supply Power-Up/Power-Down Requirements and Restrictions
The system design must comply with the power-up and power-down sequence guidelines as described in
this section to guarantee reliable operation of the device. Any deviation from these sequences can result in
the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
•
Irreversible damage to the i.MX50 processor (worst-case scenario)
Table 16. USB Interface Current Consumption
Parameter
Conditions
Typical @ 25 °C
Max
Unit
Analog supply 3.3 V
USB_H1_VDDA33
USB_OTG_VDDA33
Full speed
RX
5.5
6
mA
TX
7
8
High speed
RX
5
6
TX
5
6
Analog supply 2.5 V
USB_H1_VDDA25
USB_OTG_VDDA25
Full speed
RX
6.5
7
mA
TX
6.5
7
High speed
RX
12
13
TX
21
22
Digital supply
VCC (1.2 V)
Full speed
RX
6
7
mA
TX
6
7
High speed
RX
6
7
TX
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com