Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 45Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 46Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 47Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 48Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 49Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 50Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 51Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 52Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
49
4.6.5
General Purpose Media Interface (GPMI) Parameters
The i.MX50 GPMI controller is a flexible interface NAND Flash controller with 8-bit data width, up to
200 MB/s I/O speed and individual chip select.
It supports Asynchronous timing mode, Source Synchronous timing mode and Samsung Toggle timing
mode separately described in the following paragraphs.
4.6.5.1
Asynchronous Mode AC Timing (ONFI 1.0 Compatible)
Asynchronous mode AC timings are provided as multiplications of the clock cycle and fixed delay. The
Maximum I/O speed of GPMI in Asynchronous mode is about 50 MB/s. Figure 8, Figure 9, Figure 10
and Figure 11 depict the relative timing between GPMI signals at the module level for different
Frequency lock time4
(FOL mode or non-integer MF)
——
—
398
Tdpdref
Phase lock time
—
—
—
100
µs
Frequency jitter5 (peak value)
—
—
0.02
0.04
Tdck
Phase jitter (peak value)
FPL mode, integer and fractional MF
—
2.0
3.5
ns
Power dissipation
fdck = 300 MHz @ avdd = 1.8 V,
dvdd = 1.2 V
fdck = 650 MHz @ avdd = 1.8 V,
dvdd = 1.2 V
—
—
0.65 (avdd)
0.92 (dvdd)
1.98 (avdd)
1.8 (dvdd)
mW
1 Device input range cannot exceed the electrical specifications of the CAMP, see Table 37.
2 The values specified here are internal to DPLL. Inside the DPLL, a 1 is added to the value specified by the user. Therefore, the
user has to enter a value 1 less than the desired value at the inputs of DPLL for PDF and MFD.
3 The maximum total multiplication factor (MFI + MFN/MFD) allowed is 15. Therefore, if the MFI value is 15, MFN value must be
zero.
4 T
dpdref is the time period of the reference clock after predivider. According to the specification, the maximum lock time in FOL
mode is 398 cycles of divided reference clock when DPLL starts after full reset.
5 T
dck is the time period of the output clock, dpdck_2.
Table 38. DPLL Electrical Parameters (continued)
Parameter
Test Conditions/Remarks
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com