Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 57Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 58Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 59Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 60Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 61Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 62Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 63Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 64Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
61
Table 42. EIM Bus Timing Parameters 1
1 t is axi_clk cycle time. The maximum allowed axi_clk frequency is 133 MHz, whereas the maximum allowed EIM_BCLK
frequency is 66.5 MHz. As a result, if BCD = 0, axi_clk must be
≤ 66.5 MHz. If BCD = 1, then 133 MHz is allowed for axi_clk,
resulting in a EIM_BCLK of 66.5 MHz. When the clock branch to EIM is decreased to 66.5 MHz, other buses are impacted
which are clocked from this source. See the CCM chapter of the
MCIMX50 Applications Processor Reference Manual
(MCIMX50RM) for a detailed clock tree description.
ID
Parameter
BCD = 0
BCD = 1
BCD = 2
BCD = 3
Min
Max
Min
Max
Min
Max
Min
Max
WE1
EIM_BCLK Cycle time2
t—
2t
—
3t
—
4t
—
WE2
EIM_BCLK Low Level Width
0.4t
—
0.8t
—
1.2t
—
1.6t
—
WE3
EIM_BCLK High Level
Width
0.4t
—
0.8t
—
1.2t
—
1.6t
—
WE4
Clock rise to address valid3
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE5
Clock rise to address invalid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE6
Clock rise to EIM_CSx valid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE7
Clock rise to EIM_CSx
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE8
Clock rise to EIM_RW valid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE9
Clock rise to EIM_RW
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE10
Clock rise to EIM_OE valid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE11
Clock rise to EIM_OE invalid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE12
Clock rise to EIM_EBx valid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE13
Clock rise to EIM_EBx
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE14
Clock rise to EIM_LBA valid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE15
Clock rise to EIM_LBA
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE16
Clock rise to Output Data
valid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
2t – 1.25
2t + 1.75
WE17
Clock rise to Output Data
Invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
2t – 1.25
2t + 1.75
WE18
Input Data setup time to
Clock rise
2
—
2
—
2—
2—
WE19
Input Data hold time from
Clock rise
2.5
—
2.5
—
2.5
—
2.5
—
WE20
EIM_WAIT setup time to
Clock rise
2
—
2
—
2—
2—
WE21
EIM_WAIT hold time from
Clock rise
2.5
—
2.5
—
2.5
—
2.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com